Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320F28076PZP Datasheet(PDF) 22 Page - Texas Instruments

Part # TMS320F28076PZP
Description  TMS320F2807x Microcontrollers
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F28076PZP Datasheet(HTML) 22 Page - Texas Instruments

Back Button TMS320F28076PZP Datasheet HTML 18Page - Texas Instruments TMS320F28076PZP Datasheet HTML 19Page - Texas Instruments TMS320F28076PZP Datasheet HTML 20Page - Texas Instruments TMS320F28076PZP Datasheet HTML 21Page - Texas Instruments TMS320F28076PZP Datasheet HTML 22Page - Texas Instruments TMS320F28076PZP Datasheet HTML 23Page - Texas Instruments TMS320F28076PZP Datasheet HTML 24Page - Texas Instruments TMS320F28076PZP Datasheet HTML 25Page - Texas Instruments TMS320F28076PZP Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 192 page
background image
TERMINAL
I/O/Z
(1)
DESCRIPTION
NAME
MUX
POSITION
PTP
PIN
NO.
PZP
PIN
NO.
GPIO92
0, 4, 8, 12
174
99
I/O
General-purpose input/output 92
EM1A19
2
O
External memory interface 1 address line 19
EM1BA1
3
O
External memory interface 1 bank address 1
SCLA
6
I/OD
I2C-A clock open-drain bidirectional port
GPIO93
0, 4, 8, 12
175
–
I/O
General-purpose input/output 93
EM1BA0
3
O
External memory interface 1 bank address 0
SCITXDD
6
O
SCI-D transmit data
GPIO94
0, 4, 8, 12
176
–
I/O
General-purpose input/output 94
SCIRXDD
6
I
SCI-D receive data
GPIO99
0, 4, 8, 12
17
14
I/O
General-purpose input/output 99
EQEP1I
5
I/O
Enhanced QEP1 index
GPIO133/AUXCLKIN
0, 4, 8, 12
118
–
I/O
General-purpose input/output 133. The AUXCLKIN function of
this GPIO pin could be used to provide a single-ended 3.3-V
level clock signal to the Auxiliary Phase-Locked Loop
(AUXPLL), whose output is used for the USB module. The
AUXCLKIN clock may also be used for the CAN module.
SD2_C2
7
I
Sigma-Delta 2 channel 2 clock input
RESET
XRS
124
69
I/OD
Device Reset (in) and Watchdog Reset (out). The devices
have a built-in power-on reset (POR) circuit. During a power-
on condition, this pin is driven low by the device. An external
circuit may also drive this pin to assert a device reset. This pin
is also driven low by the MCU when a watchdog reset or NMI
watchdog reset occurs. During watchdog reset, the XRS pin is
driven low for the watchdog reset duration of 512 OSCCLK
cycles. A resistor with a value from 2.2 kΩ to 10 kΩ should be
placed between XRS and VDDIO. If a capacitor is placed
between XRS and VSS for noise filtering, it should be 100 nF
or smaller. These values will allow the watchdog to properly
drive the XRS pin to VOL within 512 OSCCLK cycles when the
watchdog reset is asserted. The output buffer of this pin is an
open drain with an internal pullup. If this pin is driven by an
external device, it should be done using an open-drain device.
CLOCKS
X1
123
68
I
On-chip crystal-oscillator input. To use this oscillator, a quartz
crystal must be connected across X1 and X2. If this pin is not
used, it must be tied to GND.
This pin can also be used to feed a single-ended 3.3-V level
clock. In this case, X2 is a No Connect (NC).
X2
121
66
O
On-chip crystal-oscillator output. A quartz crystal may be
connected across X1 and X2. If X2 is not used, it must be left
unconnected.
TMS320F28076, TMS320F28075
SPRS902J – OCTOBER 2014 – REVISED FEBRUARY 2021
www.ti.com
22
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: TMS320F28076 TMS320F28075



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com