Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320F28076PZP Datasheet(PDF) 19 Page - Texas Instruments

Part # TMS320F28076PZP
Description  TMS320F2807x Microcontrollers
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F28076PZP Datasheet(HTML) 19 Page - Texas Instruments

Back Button TMS320F28076PZP Datasheet HTML 15Page - Texas Instruments TMS320F28076PZP Datasheet HTML 16Page - Texas Instruments TMS320F28076PZP Datasheet HTML 17Page - Texas Instruments TMS320F28076PZP Datasheet HTML 18Page - Texas Instruments TMS320F28076PZP Datasheet HTML 19Page - Texas Instruments TMS320F28076PZP Datasheet HTML 20Page - Texas Instruments TMS320F28076PZP Datasheet HTML 21Page - Texas Instruments TMS320F28076PZP Datasheet HTML 22Page - Texas Instruments TMS320F28076PZP Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 192 page
background image
TERMINAL
I/O/Z
(1)
DESCRIPTION
NAME
MUX
POSITION
PTP
PIN
NO.
PZP
PIN
NO.
GPIO61
0, 4, 8, 12
107
56
I/O
General-purpose input/output 61
(3)
MFSRB
1
I/O
McBSP-B receive frame synch
EM1D23
2
I/O
External memory interface 1 data line 23
OUTPUTXBAR4
5
O
Output 4 of the output XBAR
SPISOMIB
6
I/O
SPI-B slave out, master in
SD2_C3
7
I
Sigma-Delta 2 channel 3 clock input
SPISTEA
15
I/O
SPI-A slave transmit enable
(2)
GPIO62
0, 4, 8, 12
108
57
I/O
General-purpose input/output 62
SCIRXDC
1
I
SCI-C receive data
EM1D22
2
I/O
External memory interface 1 data line 22
EQEP3A
5
I
Enhanced QEP3 input A
CANRXA
6
I
CAN-A receive
SD2_D4
7
I
Sigma-Delta 2 channel 4 data input
GPIO63
0, 4, 8, 12
109
58
I/O
General-purpose input/output 63
SCITXDC
1
O
SCI-C transmit data
EM1D21
2
I/O
External memory interface 1 data line 21
EQEP3B
5
I
Enhanced QEP3 input B
CANTXA
6
O
CAN-A transmit
SD2_C4
7
I
Sigma-Delta 2 channel 4 clock input
SPISIMOB
15
I/O
SPI-B slave in, master out
(2)
GPIO64
0, 4, 8, 12
110
59
I/O
General-purpose input/output 64
(3)
EM1D20
2
I/O
External memory interface 1 data line 20
EQEP3S
5
I/O
Enhanced QEP3 strobe
SCIRXDA
6
I
SCI-A receive data
SPISOMIB
15
I/O
SPI-B slave out, master in
(2)
GPIO65
0, 4, 8, 12
111
60
I/O
General-purpose input/output 65
EM1D19
2
I/O
External memory interface 1 data line 19
EQEP3I
5
I/O
Enhanced QEP3 index
SCITXDA
6
O
SCI-A transmit data
SPICLKB
15
I/O
SPI-B clock
(2)
GPIO66
0, 4, 8, 12
112
61
I/O
General-purpose input/output 66
(3)
EM1D18
2
I/O
External memory interface 1 data line 18
SDAB
6
I/OD
I2C-B data open-drain bidirectional port
SPISTEB
15
I/O
SPI-B slave transmit enable
(2)
GPIO67
0, 4, 8, 12
132
–
I/O
General-purpose input/output 67
EM1D17
2
I/O
External memory interface 1 data line 17
GPIO68
0, 4, 8, 12
133
–
I/O
General-purpose input/output 68
EM1D16
2
I/O
External memory interface 1 data line 16
GPIO69
0, 4, 8, 12
134
75
I/O
General-purpose input/output 69
EM1D15
2
I/O
External memory interface 1 data line 15
SCLB
6
I/OD
I2C-B clock open-drain bidirectional port
SPISIMOC
15
I/O
SPI-C slave in, master out
(2)
www.ti.com
TMS320F28076, TMS320F28075
SPRS902J – OCTOBER 2014 – REVISED FEBRUARY 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
19
Product Folder Links: TMS320F28076 TMS320F28075



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com