Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320F28076PZP Datasheet(PDF) 45 Page - Texas Instruments

Part # TMS320F28076PZP
Description  TMS320F2807x Microcontrollers
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F28076PZP Datasheet(HTML) 45 Page - Texas Instruments

Back Button TMS320F28076PZP Datasheet HTML 41Page - Texas Instruments TMS320F28076PZP Datasheet HTML 42Page - Texas Instruments TMS320F28076PZP Datasheet HTML 43Page - Texas Instruments TMS320F28076PZP Datasheet HTML 44Page - Texas Instruments TMS320F28076PZP Datasheet HTML 45Page - Texas Instruments TMS320F28076PZP Datasheet HTML 46Page - Texas Instruments TMS320F28076PZP Datasheet HTML 47Page - Texas Instruments TMS320F28076PZP Datasheet HTML 48Page - Texas Instruments TMS320F28076PZP Datasheet HTML 49Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 192 page
background image
7.9.2 Reset Timing
XRS is the device reset pin. It functions as an input and open-drain output. The device has a built-in power-on
reset (POR). During power up, the POR circuit drives the XRS pin low. A watchdog or NMI watchdog reset also
drives the pin low. An external circuit may drive the pin to assert a device reset.
A resistor with a value from 2.2 kΩ to 10 kΩ should be placed between XRS and VDDIO. A capacitor should be
placed between XRS and VSS for noise filtering; the capacitance should be 100 nF or smaller. These values will
allow the watchdog to properly drive the XRS pin to VOL within 512 OSCCLK cycles when the watchdog reset is
asserted. Figure 7-4 shows the recommended reset circuit.
XRS
£100 nF
2.2 k
– 10 k
W
W
V
DDIO
Figure 7-4. Reset Circuit
7.9.2.1 Reset Sources
The following reset sources exist on this device: XRS, WDRS, NMIWDRS, SYSRS, SCCRESET, and
HIBRESET. See the Reset Signals table in the System Control chapter of the TMS320F2807x Microcontrollers
Technical Reference Manual .
The parameter th(boot-mode) must account for a reset initiated from any of these sources.
CAUTION
Some reset sources are internally driven by the device. Some of these sources will drive XRS low.
Use this to disable any other devices driving the boot pins. The SCCRESET and debugger reset
sources do not drive XRS; therefore, the pins used for boot mode should not be actively driven by
other devices in the system. The boot configuration has a provision for changing the boot pins in
OTP; for more details, see the TMS320F2807x Microcontrollers Technical Reference Manual .
7.9.2.2 Reset Electrical Data and Timing
Section 7.9.2.2.1 shows the reset ( XRS) timing requirements. Section 7.9.2.2.2 shows the reset ( XRS)
switching characteristics. Figure 7-5 shows the power-on reset. Figure 7-6 shows the warm reset.
7.9.2.2.1 Reset ( XRS) Timing Requirements
MIN
MAX
UNIT
th(boot-mode)
Hold time for boot-mode pins
1.5
ms
tw(RSL2)
Pulse duration, XRS low on
warm reset
All cases
3.2
µs
Low-power modes used in
application and SYSCLKDIV > 16
3.2 * (SYSCLKDIV/16)
www.ti.com
TMS320F28076, TMS320F28075
SPRS902J – OCTOBER 2014 – REVISED FEBRUARY 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
45
Product Folder Links: TMS320F28076 TMS320F28075



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com