Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320F28076PZP Datasheet(PDF) 53 Page - Texas Instruments

Part # TMS320F28076PZP
Description  TMS320F2807x Microcontrollers
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F28076PZP Datasheet(HTML) 53 Page - Texas Instruments

Back Button TMS320F28076PZP Datasheet HTML 49Page - Texas Instruments TMS320F28076PZP Datasheet HTML 50Page - Texas Instruments TMS320F28076PZP Datasheet HTML 51Page - Texas Instruments TMS320F28076PZP Datasheet HTML 52Page - Texas Instruments TMS320F28076PZP Datasheet HTML 53Page - Texas Instruments TMS320F28076PZP Datasheet HTML 54Page - Texas Instruments TMS320F28076PZP Datasheet HTML 55Page - Texas Instruments TMS320F28076PZP Datasheet HTML 56Page - Texas Instruments TMS320F28076PZP Datasheet HTML 57Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 192 page
background image
7.9.3.5 Internal Oscillators
To reduce production board costs and application development time, all F2807x devices contain two
independent internal oscillators, referred to as INTOSC1 and INTOSC2. By default, both oscillators are enabled
at power up. INTOSC2 is set as the source for the system reference clock (OSCCLK) and INTOSC1 is set as the
backup clock source. INTOSC1 can also be manually configured as the system reference clock (OSCCLK).
Section 7.9.3.5.1 provides the electrical characteristics of the internal oscillators to determine if this module
meets the clocking requirements of the application.
Section 7.9.3.5.1 provides the electrical characteristics of the two internal oscillators.
7.9.3.5.1 Internal Oscillator Electrical Characteristics
over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
f(INTOSC)
Frequency, INTOSC1 and INTOSC2
9.7
10.0
10.3
MHz
f(INTOSC-STABILITY)
Frequency stability at room temperature
30°C, Nominal VDD
±0.1%
Frequency stability over VDD
30°C
±0.2%
Frequency stability
–3.0%
3.0%
f(INTOSC-ST)
Start-up and settling time
20
µs
www.ti.com
TMS320F28076, TMS320F28075
SPRS902J – OCTOBER 2014 – REVISED FEBRUARY 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
53
Product Folder Links: TMS320F28076 TMS320F28075



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com