Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320F28076PZP Datasheet(PDF) 111 Page - Texas Instruments

Part # TMS320F28076PZP
Description  TMS320F2807x Microcontrollers
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F28076PZP Datasheet(HTML) 111 Page - Texas Instruments

Back Button TMS320F28076PZP Datasheet HTML 107Page - Texas Instruments TMS320F28076PZP Datasheet HTML 108Page - Texas Instruments TMS320F28076PZP Datasheet HTML 109Page - Texas Instruments TMS320F28076PZP Datasheet HTML 110Page - Texas Instruments TMS320F28076PZP Datasheet HTML 111Page - Texas Instruments TMS320F28076PZP Datasheet HTML 112Page - Texas Instruments TMS320F28076PZP Datasheet HTML 113Page - Texas Instruments TMS320F28076PZP Datasheet HTML 114Page - Texas Instruments TMS320F28076PZP Datasheet HTML 115Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 192 page
background image
7.11.2.2 ePWM Electrical Data and Timing
Section 7.11.2.2.1 shows the PWM timing requirements and Section 7.11.2.2.2 shows the PWM switching
characteristics.
7.11.2.2.1 ePWM Timing Requirements
MIN(1)
MAX
UNIT
f(EPWM)
Frequency, EPWMCLK(2)
100
MHz
tw(SYNCIN)
Sync input pulse width
Asynchronous
2tc(EPWMCLK)
cycles
Synchronous
2tc(EPWMCLK)
cycles
With input qualifier
1tc(EPWMCLK) + tw(IQSW)
cycles
(1)
For an explanation of the input qualifier parameters, see Section 7.9.6.2.1.
(2)
For SYSCLK above 100 MHz, the EPWMCLK must be half of SYSCLK.
7.11.2.2.2 ePWM Switching Characteristics
over recommended operating conditions (unless otherwise noted)
PARAMETER
MIN
MAX
UNIT
tw(PWM)
Pulse duration, PWMx output high/low
20
ns
tw(SYNCOUT)
Sync output pulse width
8tc(SYSCLK)
cycles
td(TZ-PWM)
Delay time, trip input active to PWM forced high
Delay time, trip input active to PWM forced low
Delay time, trip input active to PWM Hi-Z
25
ns
7.11.2.2.3 Trip-Zone Input Timing
Section 7.11.2.2.3.1 shows the trip-zone input timing requirements. Figure 7-48 shows the PWM Hi-Z
characteristics.
7.11.2.2.3.1 Trip-Zone Input Timing Requirements
MIN(1)
MAX
UNIT
tw(TZ)
Pulse duration, TZx input low
Asynchronous
1tc(EPWMCLK)
cycles
Synchronous
2tc(EPWMCLK)
cycles
With input qualifier
1tc(EPWMCLK) + tw(IQSW)
cycles
(1)
For an explanation of the input qualifier parameters, see Section 7.9.6.2.1.
PWM
(B)
TZ
(A)
EPWMCLK
t
w(TZ)
t
d(TZ-PWM)
A. TZ: TZ1, TZ2, TZ3, TRIP1–TRIP12
B. PWM refers to all the PWM pins in the device. The state of the PWM pins after TZ is taken high depends on the PWM recovery software.
Figure 7-48. PWM Hi-Z Characteristics
www.ti.com
TMS320F28076, TMS320F28075
SPRS902J – OCTOBER 2014 – REVISED FEBRUARY 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
111
Product Folder Links: TMS320F28076 TMS320F28075



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com