| Electronic Components Datasheet Search |
|
TMS320F28076PZP Datasheet(PDF) 117 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TMS320F28076PZP Datasheet(HTML) 117 Page - Texas Instruments |
|
117 / 192 page ![]() 7.11.5 Sigma-Delta Filter Module (SDFM) The SDFM is a four-channel digital filter designed specifically for current measurement and resolver position decoding in motor control applications. Each channel can receive an independent sigma-delta (ΣΔ) modulated bit stream. The bit streams are processed by four individually programmable digital decimation filters. The filter set includes a fast comparator for immediate digital threshold comparisons for overcurrent and undercurrent monitoring. Figure 7-51 shows a block diagram of the SDFMs. SDFM features include: • Eight external pins per SDFM module: – Four sigma-delta data input pins per SDFM module (SDx_Dy, where x = 1 to 2 and y = 1 to 4) – Four sigma-delta clock input pins per SDFM module (SDx_Cy, where x = 1 to 2 and y = 1 to 4) • Four different configurable modulator clock modes: – Modulator clock rate equals modulator data rate – Modulator clock rate running at half the modulator data rate – Modulator data is Manchester encoded. Modulator clock not required. – Modulator clock rate is double that of modulator data rate • Four independent configurable comparator units: – Four different filter type selection (Sinc1/Sinc2/Sincfast/Sinc3) options available – Ability to detect over-value and under-value conditions – Comparator Over-Sampling Ratio (COSR) value for comparator programmable from 1 to 32 • Four independent configurable data filter units: – Four different filter type selection (Sinc1/Sinc2/Sincfast/Sinc3) options available – Data filter Over-Sampling Ratio (DOSR) value for data filter unit programmable from 1 to 256 – Ability to enable or disable individual filter module – Ability to synchronize all four independent filters of a SDFM module using the Master Filter Enable (MFE) bit or the PWM signals. • Filter data can be 16-bit or 32-bit representation • PWMs can be used to generate modulator clock for sigma-delta modulators www.ti.com TMS320F28076, TMS320F28075 SPRS902J – OCTOBER 2014 – REVISED FEBRUARY 2021 Copyright © 2021 Texas Instruments Incorporated Submit Document Feedback 117 Product Folder Links: TMS320F28076 TMS320F28075 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |