Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

68HC705JB4 Datasheet(PDF) 101 Page - Freescale Semiconductor, Inc

Part # 68HC705JB4
Description  68HC05JB4
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

68HC705JB4 Datasheet(HTML) 101 Page - Freescale Semiconductor, Inc

Back Button 68HC705JB4 Datasheet HTML 97Page - Freescale Semiconductor, Inc 68HC705JB4 Datasheet HTML 98Page - Freescale Semiconductor, Inc 68HC705JB4 Datasheet HTML 99Page - Freescale Semiconductor, Inc 68HC705JB4 Datasheet HTML 100Page - Freescale Semiconductor, Inc 68HC705JB4 Datasheet HTML 101Page - Freescale Semiconductor, Inc 68HC705JB4 Datasheet HTML 102Page - Freescale Semiconductor, Inc 68HC705JB4 Datasheet HTML 103Page - Freescale Semiconductor, Inc 68HC705JB4 Datasheet HTML 104Page - Freescale Semiconductor, Inc 68HC705JB4 Datasheet HTML 105Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 134 page
background image
February 24, 1999
GENERAL RELEASE SPECIFICATION
MC68HC05JB4
ANALOG TO DIGITAL CONVERTER
MOTOROLA
REV 2
11-3
11.2
ADC STATUS AND CONTROL REGISTER (ADSCR)
The ADSCR is a read/write register containing status and control bits for the ADC.
Figure 11-2. A/D Status and Control Register
COCO — COnversion COmplete
1 =
An ADC conversion has completed; ADC Data Register ($0F)
contains valid conversion result.
0 =
ADC conversion not completed.
This read-only status bit is set when a conversion is completed, indicating that
the ADC Data Register contains a valid result. This COCO bit is cleared either
by a write to the ADSCR or a read of the ADC Data Register. Once the COCO
bit is cleared, a new conversion automatically starts. If the COCO bit is not
cleared, conversions are initiated every 32 cycles. In this continuous conver-
sion mode the ADC Data Register is refreshed with new data, every 32 cycles,
and the COCO bit remains set.
ADRC — ADC RC Oscillator Control
1 =
ADC uses RC oscillator as clock source.
0 =
ADC uses internal processor clock as clock source.
The RC oscillator option must be used if the internal processor is running below
1MHz. A stabilization time of typically 1ms is required when switching to the RC
oscillator option.
ADON — ADC On
1 =
ADC is switched ON.
0 =
ADC is switched OFF.
When the ADC is turned from OFF to ON, it requires a time tADON for the cur-
rent sources to stabilize. During this time ADC conversion results may be inac-
curate. Switching the ADC off disables the internal charge pump and RC
oscillator (if selected by ADRC=1), and hence saving power.
CH3:CH0 — Channel Select Bits
These four bits selects one of ten ADC channels for the conversion. Channels 0
to 5 correspond to inputs AD0-AD5 on port pins PC0-PC3, PB3 and PB4
respectively. Channels 12 and 13 are the ADC reference inputs VRH and VRL,
on port pins PC4 and PC5 respectively. Channels 14 and 15 are used for inter-
nal reference points. Table 11-1 shows the signals selected by the channel
select bits.
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
ADSCR
R
COCO
ADRC
ADON
0
CH3
CH2
CH1
CH0
$000E
W
reset:
00000000
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com