Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSPIC33EP128GS708 Datasheet(PDF) 257 Page - Microchip Technology

Part # DSPIC33EP128GS708
Description  16-Bit Digital Signal Controllers for Digital Power Applications with Interconnected High-Speed PWM, ADC, PGA and Comparators
PDF  484 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33EP128GS708 Datasheet(HTML) 257 Page - Microchip Technology

Back Button DSPIC33EP128GS708 Datasheet HTML 253Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 254Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 255Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 256Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 257Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 258Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 259Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 260Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 261Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 257 / 484 page
background image
 2016-2018 Microchip Technology Inc.
DS70005258C-page 257
dsPIC33EPXXXGS70X/80X FAMILY
20.0 UNIVERSAL ASYNCHRONOUS
RECEIVER TRANSMITTER
(UART)
The dsPIC33EPXXXGS70X/80X family of devices
contains two UART modules.
The Universal Asynchronous Receiver Transmitter
(UART) module is one of the serial I/O modules avail-
able in the dsPIC33EPXXXGS70X/80X device family.
The UART is a full-duplex, asynchronous system that
can communicate with peripheral devices, such as
personal computers, LIN/J2602, RS-232 and RS-485
interfaces. The module also supports a hardware flow
control option with the UxCTS and UxRTS pins, and
also includes an IrDA® encoder and decoder.
The primary features of the UARTx module are:
• Full-Duplex, 8 or 9-Bit Data Transmission through
the UxTX and UxRX Pins
• Even, Odd or No Parity Options (for 8-bit data)
• One or Two Stop bits
• Hardware Flow Control Option with UxCTS and
UxRTS Pins
• Fully Integrated Baud Rate Generator with
16-Bit Prescaler
• Baud Rates Ranging from 4.375 Mbps to 67 bps in
16x mode at 70 MIPS
• Baud Rates Ranging from 17.5 Mbps to 267 bps in
4x mode at 70 MIPS
• 4-Deep First-In First-Out (FIFO) Transmit Data
Buffer
• 4-Deep FIFO Receive Data Buffer
• Parity, Framing and Buffer Overrun Error Detection
• Support for 9-Bit mode with Address Detect
(9th bit = 1)
• Transmit and Receive Interrupts
• A Separate Interrupt for all UARTx Error Conditions
• Loopback mode for Diagnostic Support
• Support for Sync and Break Characters
• Support for Automatic Baud Rate Detection
•IrDA® Encoder and Decoder Logic
• 16x Baud Clock Output for IrDA Support
A simplified block diagram of the UARTx module is
shown in Figure 20-1. The UARTx module consists of
these key hardware elements:
• Baud Rate Generator
• Asynchronous Transmitter
• Asynchronous Receiver
FIGURE 20-1:
UARTx SIMPLIFIED BLOCK DIAGRAM
Note 1: This
data
sheet
summarizes
the
features of the dsPIC33EPXXXGS70X/
80X family of devices. It is not intended
to be a comprehensive reference
source. To complement the information
in this data sheet, refer to “Universal
Asynchronous Receiver Transmitter
(UART)” (DS70000582) in the “dsPIC33/
PIC24 Family Reference Manual”, which
is available from the Microchip website
(www.microchip.com).
2: Some registers and associated bits
described in this section may not be
available on all devices. Refer to
Section 4.0 “Memory Organization” in
this data sheet for device-specific register
and bit information.
UxRX
Hardware Flow Control
UARTx Receiver
UARTx Transmitter
UxTX
Baud Rate Generator
UxRTS/BCLKx
UxCTS
IrDA®



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com