Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSPIC33EP128GS708 Datasheet(PDF) 258 Page - Microchip Technology

Part # DSPIC33EP128GS708
Description  16-Bit Digital Signal Controllers for Digital Power Applications with Interconnected High-Speed PWM, ADC, PGA and Comparators
PDF  484 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33EP128GS708 Datasheet(HTML) 258 Page - Microchip Technology

Back Button DSPIC33EP128GS708 Datasheet HTML 254Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 255Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 256Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 257Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 258Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 259Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 260Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 261Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 262Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 258 / 484 page
background image
dsPIC33EPXXXGS70X/80X FAMILY
DS70005258C-page 258
 2016-2018 Microchip Technology Inc.
20.1
UART Helpful Tips
1.
In multi-node, direct connect UART networks,
UART receive inputs react to the complemen-
tary logic level defined by the URXINV bit
(UxMODE<4>), which defines the Idle state, the
default of which is logic high (i.e., URXINV = 0).
Because remote devices do not initialize at the
same time, it is likely that one of the devices,
because the RX line is floating, will trigger a Start
bit detection and will cause the first byte received,
after the device has been initialized, to be invalid.
To avoid this situation, the user should use a pull-
up or pull-down resistor on the RX pin depending
on the value of the URXINV bit.
a)
If URXINV = 0, use a pull-up resistor on the
UxRX pin.
b)
If URXINV = 1, use a pull-down resistor on
the UxRX pin.
2.
The first character received on a wake-up from
Sleep mode, caused by activity on the UxRX pin
of the UARTx module, will be invalid. In Sleep
mode, peripheral clocks are disabled. By the
time the oscillator system has restarted and
stabilized from Sleep mode, the baud rate bit
sampling clock, relative to the incoming UxRX
bit timing, is no longer synchronized, resulting in
the first character being invalid; this is to be
expected.
20.2
UART Resources
Many useful resources are provided on the main prod-
uct page of the Microchip website for the devices listed
in this data sheet. This product page contains the latest
updates and additional information.
20.2.1
KEY RESOURCES
• “Universal Asynchronous Receiver
Transmitter (UART)” (DS70000582) in the
“dsPIC33/PIC24 Family Reference Manual”
• Code Samples
• Application Notes
• Software Libraries
• Webinars
• All Related “dsPIC33/PIC24 Family Reference
Manual” Sections
• Development Tools



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com