Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSPIC33EP128GS708 Datasheet(PDF) 254 Page - Microchip Technology

Part # DSPIC33EP128GS708
Description  16-Bit Digital Signal Controllers for Digital Power Applications with Interconnected High-Speed PWM, ADC, PGA and Comparators
PDF  484 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33EP128GS708 Datasheet(HTML) 254 Page - Microchip Technology

Back Button DSPIC33EP128GS708 Datasheet HTML 250Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 251Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 252Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 253Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 254Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 255Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 256Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 257Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 258Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 254 / 484 page
background image
dsPIC33EPXXXGS70X/80X FAMILY
DS70005258C-page 254
 2016-2018 Microchip Technology Inc.
REGISTER 19-3:
I2CxSTAT: I2Cx STATUS REGISTER
HSC/R-0
HSC/R-0
HSC/R-0
U-0
U-0
HS/R/C-0
HSC/R-0
HSC/R-0
ACKSTAT
TRSTAT
ACKTIM
—
—
BCL
GCSTAT
ADD10
bit 15
bit 8
HS/R/C-0
HS/R/C-0
HSC/R-0
HSC/R/C-0
HSC/R/C-0
HSC/R-0
HSC/R-0
HSC/R-0
IWCOL
I2COV
D_A
P
S
R_W
RBF
TBF
bit 7
bit 0
Legend:
C = Clearable bit
‘0’ = Bit is cleared
HS = Hardware Settable bit
R = Readable bit
W = Writable bit
HSC = Hardware Settable/Clearable bit
-n = Value at POR
‘1’ = Bit is set
U = Unimplemented bit, read as ‘0’
bit 15
ACKSTAT: Acknowledge Status bit (when operating as I2C master, applicable to master transmit operation)
1 = NACK was received from slave
0 = ACK was received from slave
It is set or cleared by hardware at the end of a slave Acknowledge.
bit 14
TRSTAT: Transmit Status bit (when operating as I2C master, applicable to master transmit operation)
1 = Master transmit is in progress (8 bits + ACK)
0 = Master transmit is not in progress
It is set by hardware at the beginning of master transmission. It is cleared by hardware at the end of slave
Acknowledge.
bit 13
ACKTIM: Acknowledge Time Status bit (I2C Slave mode only)
1 = I2C bus is an Acknowledge sequence, set on the 8th falling edge of SCLx
0 = Not an Acknowledge sequence, cleared on the 9th rising edge of SCLx
bit 12-11
Unimplemented: Read as ‘0’
bit 10
BCL: Master Bus Collision Detect bit
1 = A bus collision has been detected during a master operation
0 = No bus collision detected
It is set by hardware at detection of a bus collision.
bit 9
GCSTAT: General Call Status bit
1 = General call address was received
0 = General call address was not received
It is set by hardware when address matches the general call address. It is cleared by hardware at Stop
detection.
bit 8
ADD10: 10-Bit Address Status bit
1 = 10-bit address was matched
0 = 10-bit address was not matched
It is set by hardware at the match of the 2nd byte of the matched 10-bit address. It is cleared by hardware
at Stop detection.
bit 7
IWCOL: I2Cx Write Collision Detect bit
1 = An attempt to write to the I2CxTRN register failed because the I2C module is busy
0 = No collision
It is set by hardware at the occurrence of a write to I2CxTRN while busy (cleared by software).
bit 6
I2COV: I2Cx Receive Overflow Flag bit
1 = A byte was received while the I2CxRCV register was still holding the previous byte
0 = No overflow
It is set by hardware at an attempt to transfer I2CxRSR to I2CxRCV (cleared by software).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com