Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSPIC33EP128GS708 Datasheet(PDF) 255 Page - Microchip Technology

Part # DSPIC33EP128GS708
Description  16-Bit Digital Signal Controllers for Digital Power Applications with Interconnected High-Speed PWM, ADC, PGA and Comparators
PDF  484 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33EP128GS708 Datasheet(HTML) 255 Page - Microchip Technology

Back Button DSPIC33EP128GS708 Datasheet HTML 251Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 252Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 253Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 254Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 255Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 256Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 257Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 258Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 259Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 255 / 484 page
background image
 2016-2018 Microchip Technology Inc.
DS70005258C-page 255
dsPIC33EPXXXGS70X/80X FAMILY
bit 5
D_A: Data/Address bit (I2C Slave mode only)
1 = Indicates that the last byte received was data
0 = Indicates that the last byte received was a device address
It is cleared by hardware at a device address match. It is set by hardware by reception of a slave byte.
bit 4
P: Stop bit
1 = Indicates that a Stop bit has been detected last
0 = Stop bit was not detected last
It is set or cleared by hardware when a Start, Repeated Start or Stop is detected.
bit 3
S: Start bit
1 = Indicates that a Start (or Repeated Start) bit has been detected last
0 = Start bit was not detected last
It is set or cleared by hardware when a Start, Repeated Start or Stop is detected.
bit 2
R_W: Read/Write Information bit (I2C Slave mode only)
1 = Read – Indicates data transfer is output from the slave
0 = Write – Indicates data transfer is input to the slave
It is set or cleared by hardware after reception of an I2C device address byte.
bit 1
RBF: Receive Buffer Full Status bit
1 = Receive is complete, I2CxRCV is full
0 = Receive is not complete, I2CxRCV is empty
It is set by hardware when I2CxRCV is written with a received byte. It is cleared by hardware when
software reads I2CxRCV.
bit 0
TBF: Transmit Buffer Full Status bit
1 = Transmit is in progress, I2CxTRN is full
0 = Transmit is complete, I2CxTRN is empty
It is set by hardware when software writes to I2CxTRN. It is cleared by hardware at completion of a data
transmission.
REGISTER 19-3:
I2CxSTAT: I2Cx STATUS REGISTER (CONTINUED)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com