Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSPIC33EP128GS708 Datasheet(PDF) 277 Page - Microchip Technology

Part # DSPIC33EP128GS708
Description  16-Bit Digital Signal Controllers for Digital Power Applications with Interconnected High-Speed PWM, ADC, PGA and Comparators
PDF  484 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33EP128GS708 Datasheet(HTML) 277 Page - Microchip Technology

Back Button DSPIC33EP128GS708 Datasheet HTML 273Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 274Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 275Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 276Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 277Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 278Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 279Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 280Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 281Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 277 / 484 page
background image
 2016-2018 Microchip Technology Inc.
DS70005258C-page 277
dsPIC33EPXXXGS70X/80X FAMILY
22.0 HIGH-SPEED, 12-BIT
ANALOG-TO-DIGITAL
CONVERTER (ADC)
dsPIC33EPXXXGS70X/80X devices have a high-speed,
12-bit Analog-to-Digital Converter (ADC) that features
a low conversion latency, high resolution and over-
sampling capabilities to improve performance in
AC/DC, DC/DC power converters.
22.1
Features Overview
The high-speed, 12-bit multiple SARs Analog-to-Digital
Converter (ADC) includes the following features:
• Five ADC Cores: Four Dedicated Cores and
One Shared (common) Core
• User-Configurable Resolution of up to 12 Bits for
each Core
• Up to 3.25 Msps Conversion Rate per Channel at
12-Bit Resolution
• Low Latency Conversion
• Up to 22 Analog Input Channels, with a Separate
16-Bit Conversion Result Register for each Input
• Conversion Result can be Formatted as Unsigned
or Signed Data, on a per Channel Basis, for All
Channels
• Single-Ended and Pseudodifferential
Conversions are available on All ADC Cores
• Simultaneous Sampling of up to Five Analog Inputs
• Channel Scan Capability
• Multiple Conversion Trigger Options for each
Core, including:
- PWM1 through PWM6 (primary and
secondary triggers, and current-limit event
trigger)
- PWM Special Event Trigger
- Timer1/Timer2 period match
- Output Compare 1 and event trigger
- External pin trigger event (ADTRG31)
- Software trigger
• Two Integrated Digital Comparators with
Dedicated Interrupts:
- Multiple comparison options
- Assignable to specific analog inputs
• Two Oversampling Filters with Dedicated
Interrupts:
- Provide increased resolution
- Assignable to a specific analog input
The module consists of five independent SAR ADC
cores. Simplified block diagrams of the multiple SARs
12-bit ADC are shown in Figure 22-1, Figure 22-2 and
Figure 22-3.
The analog inputs (channels) are connected through
multiplexers and switches to the Sample-and-Hold
(S&H) circuit of each ADC core. The core uses the
channel information (the output format, the Measure-
ment mode and the input number) to process the analog
sample. When conversion is complete, the result is
stored in the result buffer for the specific analog input,
and passed to the digital filter and digital comparator if
they were configured to use data from this particular
channel.
The ADC module can sample up to five inputs at a time
(four inputs from the dedicated SAR cores and one
from the shared SAR core). If multiple ADC inputs
request conversion on the shared core, the module will
convert them in a sequential manner, starting with the
lowest order input.
The ADC provides each analog input the ability to
specify its own trigger source. This capability allows the
ADC to sample and convert analog inputs that are
associated with PWM generators operating on
independent time bases.
Note 1: This data sheet summarizes the features of
the dsPIC33EPXXXGS70X/80X family of
devices. It is not intended to be a compre-
hensive reference source. To complement
the information in this data sheet, refer to
“12-Bit High-Speed, Multiple SARs A/D
Converter (ADC)” (DS70005213) in the
“dsPIC33/PIC24 Family Reference Man-
ual”, which is available from the Microchip
website (www.microchip.com).
2: Some registers and associated bits
described in this section may not be
available on all devices. Refer to
Section 4.0 “Memory Organization” in
this data sheet for device-specific register
and bit information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com