Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSPIC33EP128GS708 Datasheet(PDF) 280 Page - Microchip Technology

Part # DSPIC33EP128GS708
Description  16-Bit Digital Signal Controllers for Digital Power Applications with Interconnected High-Speed PWM, ADC, PGA and Comparators
PDF  484 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33EP128GS708 Datasheet(HTML) 280 Page - Microchip Technology

Back Button DSPIC33EP128GS708 Datasheet HTML 276Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 277Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 278Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 279Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 280Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 281Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 282Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 283Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 284Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 280 / 484 page
background image
dsPIC33EPXXXGS70X/80X FAMILY
DS70005258C-page 280
 2016-2018 Microchip Technology Inc.
22.2
Analog-to-Digital Converter
Resources
Many useful resources are provided on the main
product page of the Microchip website for the devices
listed in this data sheet. This product page contains the
latest updates and additional information.
22.2.1
KEY RESOURCES
• “12-Bit High-Speed, Multiple SARs A/D
Converter (ADC)” (DS70005213) in the
“dsPIC33/PIC24 Family Reference Manual”
• Code Samples
• Application Notes
• Software Libraries
• Webinars
• All Related “dsPIC33/PIC24 Family Reference
Manual” Sections
• Development Tools
REGISTER 22-1:
ADCON1L: ADC CONTROL REGISTER 1 LOW
R/W-0
U-0
R/W-0
U-0
U-0
U-0
U-0
U-0
ADON(1)
—ADSIDL
—
—
—
—
—
bit 15
bit 8
R/W-0
r-0
r-0
r-0
r-0
U-0
U-0
U-0
NRE(2)
—
—
—
—
—
—
—
bit 7
bit 0
Legend:
r = Reserved bit
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 15
ADON: ADC Enable bit(1)
1 = ADC module is enabled
0 = ADC module is off
bit 14
Unimplemented: Read as ‘0’
bit 13
ADSIDL: ADC Stop in Idle Mode bit
1 = Discontinues module operation when device enters Idle mode
0 = Continues module operation in Idle mode
bit 12-8
Unimplemented: Read as ‘0’
bit 7
NRE: Noise Reduction Enable bit(2)
1 = Holds conversion process for one TADCORE when another core completes conversion to reduce
noise between cores
0 = Noise reduction feature is disabled
bit 6-3
Reserved: Maintain as ‘0’
bit 2-0
Unimplemented: Read as ‘0’
Note 1:
Set the ADON bit only after the ADC module has been configured. Changing ADC Configuration bits when
ADON = 1 will result in unpredictable behavior.
2:
If the NRE bit in the ADCON1L register is set, the end of conversion time is adjusted to reduce the noise
between ADC cores. Depending on the number of cores converting and the priority of the input, a few
additional TADs may be inserted, making the conversion time slightly less deterministic.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com