Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSPIC33EP128GS708 Datasheet(PDF) 284 Page - Microchip Technology

Part # DSPIC33EP128GS708
Description  16-Bit Digital Signal Controllers for Digital Power Applications with Interconnected High-Speed PWM, ADC, PGA and Comparators
PDF  484 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33EP128GS708 Datasheet(HTML) 284 Page - Microchip Technology

Back Button DSPIC33EP128GS708 Datasheet HTML 280Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 281Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 282Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 283Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 284Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 285Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 286Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 287Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 288Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 284 / 484 page
background image
dsPIC33EPXXXGS70X/80X FAMILY
DS70005258C-page 284
 2016-2018 Microchip Technology Inc.
REGISTER 22-5:
ADCON3L: ADC CONTROL REGISTER 3 LOW
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
HSC/R-0
R/W-0
HSC/R-0
REFSEL2
REFSEL1
REFSEL0
SUSPEND
SUSPCIE
SUSPRDY
SHRSAMP
CNVRTCH
bit 15
bit 8
R/W-0
HSC/R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
SWLCTRG
SWCTRG
CNVCHSEL5 CNVCHSEL4 CNVCHSEL3 CNVCHSEL2 CNVCHSEL1 CNVCHSEL0
bit 7
bit 0
Legend:
U = Unimplemented bit, read as ‘0’
R = Readable bit
W = Writable bit
HSC = Hardware Settable/Clearable bit
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 15-13
REFSEL<2:0>: ADC Reference Voltage Selection bits
001-111 = Unimplemented: Do not use
bit 12
SUSPEND: All ADC Cores Triggers Disable bit
1 = All new trigger events for all ADC cores are disabled
0 = All ADC cores can be triggered
bit 11
SUSPCIE: Suspend All ADC Cores Common Interrupt Enable bit
1 = Common interrupt will be generated when ADC core triggers are suspended (SUSPEND bit = 1)
and all previous conversions are finished (SUSPRDY bit becomes set)
0 = Common interrupt is not generated for suspend ADC cores event
bit 10
SUSPRDY: All ADC Cores Suspended Flag bit
1 = All ADC cores are suspended (SUSPEND bit = 1) and have no conversions in progress
0 = ADC cores have previous conversions in progress
bit 9
SHRSAMP: Shared ADC Core Sampling Direct Control bit
This bit should be used with the individual channel conversion trigger controlled by the CNVRTCH bit.
It connects an analog input, specified by the CNVCHSEL<5:0> bits, to the shared ADC core and allows
extending the sampling time. This bit is not controlled by hardware and must be cleared before the
conversion starts (setting CNVRTCH to ‘1’).
1 = Shared ADC core samples an analog input specified by the CNVCHSEL<5:0> bits
0 = Sampling is controlled by the shared ADC core hardware
bit 8
CNVRTCH: Software Individual Channel Conversion Trigger bit
1 = Single trigger is generated for an analog input specified by the CNVCHSEL<5:0> bits; when the bit
is set, it is automatically cleared by hardware on the next instruction cycle
0 = Next individual channel conversion trigger can be generated
bit 7
SWLCTRG: Software Level-Sensitive Common Trigger bit
1 = Triggers are continuously generated for all channels with the software, level-sensitive common
trigger selected as a source in the ADTRIGxL and ADTRIGxH registers
0 = No software, level-sensitive common triggers are generated
bit 6
SWCTRG: Software Common Trigger bit
1 = Single trigger is generated for all channels with the software, common trigger selected as a source
in the ADTRIGxL and ADTRIGxH registers; when the bit is set, it is automatically cleared by
hardware on the next instruction cycle
0 = Ready to generate the next software common trigger
bit 5-0
CNVCHSEL <5:0>: Channel Number Selection for Software Individual Channel Conversion Trigger bits
These bits define a channel to be converted when the CNVRTCH bit is set.
Value
VREFH
VREFL
000
AVDD
AVSS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com