Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSPIC33EP128GS708 Datasheet(PDF) 285 Page - Microchip Technology

Part # DSPIC33EP128GS708
Description  16-Bit Digital Signal Controllers for Digital Power Applications with Interconnected High-Speed PWM, ADC, PGA and Comparators
PDF  484 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33EP128GS708 Datasheet(HTML) 285 Page - Microchip Technology

Back Button DSPIC33EP128GS708 Datasheet HTML 281Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 282Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 283Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 284Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 285Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 286Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 287Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 288Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 289Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 285 / 484 page
background image
 2016-2018 Microchip Technology Inc.
DS70005258C-page 285
dsPIC33EPXXXGS70X/80X FAMILY
REGISTER 22-6:
ADCON3H: ADC CONTROL REGISTER 3 HIGH
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
CLKSEL1
CLKSEL0
CLKDIV5
CLKDIV4
CLKDIV3
CLKDIV2
CLKDIV1
CLKDIV0
bit 15
bit 8
R/W-0
U-0
U-0
U-0
R/W-0
R/W-0
R/W-0
R/W-0
SHREN
—
—
—
C3ENC2ENC1ENC0EN
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 15-14
CLKSEL<1:0>: ADC Module Clock Source Selection bits
11 = APLL
10 = FRC
01 = FOSC (System Clock x 2)
00 = FSYS (System Clock)
bit 13-8
CLKDIV<5:0>: ADC Module Clock Source Divider bits
The divider forms a TCORESRC clock used by all ADC cores (shared and dedicated) from the TSRC ADC
module clock source selected by the CLKSEL<1:0> bits. Then, each ADC core individually divides the
TCORESRC clock to get a core-specific TADCORE clock using the ADCS<6:0> bits in the ADCORExH
register or the SHRADCS<6:0> bits in the ADCON2L register.
111111 = 64 Source Clock Periods
•
•
•
000011 = 4 Source Clock Periods
000010 = 3 Source Clock Periods
000001 = 2 Source Clock Periods
000000 = 1 Source Clock Period
bit 7
SHREN: Shared ADC Core Enable bit
1 = Shared ADC core is enabled
0 = Shared ADC core is disabled
bit 6-4
Unimplemented: Read as ‘0’
bit 3
C3EN: Dedicated ADC Core 3 Enable bits
1 = Dedicated ADC Core 3 is enabled
0 = Dedicated ADC Core 3 is disabled
bit 2
C2EN: Dedicated ADC Core 2 Enable bits
1 = Dedicated ADC Core 2 is enabled
0 = Dedicated ADC Core 2 is disabled
bit 1
C1EN: Dedicated ADC Core 1 Enable bits
1 = Dedicated ADC Core 1 is enabled
0 = Dedicated ADC Core 1 is disabled
bit 0
C0EN: Dedicated ADC Core 0 Enable bits
1 = Dedicated ADC Core 0 is enabled
0 = Dedicated ADC Core 0 is disabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com