Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSPIC33EP128GS708 Datasheet(PDF) 282 Page - Microchip Technology

Part # DSPIC33EP128GS708
Description  16-Bit Digital Signal Controllers for Digital Power Applications with Interconnected High-Speed PWM, ADC, PGA and Comparators
PDF  484 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33EP128GS708 Datasheet(HTML) 282 Page - Microchip Technology

Back Button DSPIC33EP128GS708 Datasheet HTML 278Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 279Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 280Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 281Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 282Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 283Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 284Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 285Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 286Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 282 / 484 page
background image
dsPIC33EPXXXGS70X/80X FAMILY
DS70005258C-page 282
 2016-2018 Microchip Technology Inc.
REGISTER 22-3:
ADCON2L: ADC CONTROL REGISTER 2 LOW
R/W-0
R/W-0
r-0
R/W-0
r-0
R/W-0
R/W-0
R/W-0
REFCIE
REFERCIE
—EIEN
—
SHREISEL2(1) SHREISEL1(1) SHREISEL0(1)
bit 15
bit 8
U-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
—
SHRADCS<6:0>
bit 7
bit 0
Legend:
r = Reserved bit
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 15
REFCIE: Band Gap and Reference Voltage Ready Common Interrupt Enable bit
1 = Common interrupt will be generated when the band gap will become ready
0 = Common interrupt is disabled for the band gap ready event
bit 14
REFERCIE: Band Gap or Reference Voltage Error Common Interrupt Enable bit
1 = Common interrupt will be generated when a band gap or reference voltage error is detected
0 = Common interrupt is disabled for the band gap and reference voltage error event
bit 13
Reserved: Maintain as ‘0’
bit 12
EIEN: Early Interrupts Enable bit
1 = The early interrupt feature is enabled for the input channel interrupts (when the EISTATx flag is set)
0 = The individual interrupts are generated when conversion is done (when the ANxRDY flag is set)
bit 11
Reserved: Maintain as ‘0’
bit 10-8
SHREISEL<2:0>: Shared Core Early Interrupt Time Selection bits(1)
111 = Early interrupt is set and interrupt is generated eight TADCORE clocks prior to when the data is ready
110 = Early interrupt is set and interrupt is generated seven TADCORE clocks prior to when the data is ready
101 = Early interrupt is set and interrupt is generated six TADCORE clocks prior to when the data is ready
100 = Early interrupt is set and interrupt is generated five TADCORE clocks prior to when the data is ready
011 = Early interrupt is set and interrupt is generated four TADCORE clocks prior to when the data is ready
010 = Early interrupt is set and interrupt is generated three TADCORE clocks prior to when the data is ready
001 = Early interrupt is set and interrupt is generated two TADCORE clocks prior to when the data is ready
000 = Early interrupt is set and interrupt is generated one TADCORE clock prior to when the data is ready
bit 7
Unimplemented: Read as ‘0’
bit 6-0
SHRADCS<6:0>: Shared ADC Core Input Clock Divider bits
These bits determine the number of TCORESRC (Source Clock Periods) for one shared TADCORE (Core
Clock Period).
1111111 = 254 Source Clock Periods
•
•
•
0000011 = 6 Source Clock Periods
0000010 = 4 Source Clock Periods
0000001 = 2 Source Clock Periods
0000000 = 2 Source Clock Periods
Note 1:
For the 6-bit shared ADC core resolution (SHRRES<1:0> = 00), the SHREISEL<2:0> settings,
from ‘100’ to ‘111’, are not valid and should not be used. For the 8-bit shared ADC core resolution
(SHRRES<1:0> = 01), the SHREISEL<2:0> settings, ‘110’ and ‘111’, are not valid and should not be used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com