Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSPIC33EP128GS708 Datasheet(PDF) 362 Page - Microchip Technology

Part # DSPIC33EP128GS708
Description  16-Bit Digital Signal Controllers for Digital Power Applications with Interconnected High-Speed PWM, ADC, PGA and Comparators
PDF  484 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33EP128GS708 Datasheet(HTML) 362 Page - Microchip Technology

Back Button DSPIC33EP128GS708 Datasheet HTML 358Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 359Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 360Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 361Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 362Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 363Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 364Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 365Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 366Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 362 / 484 page
background image
dsPIC33EPXXXGS70X/80X FAMILY
DS70005258C-page 362
 2016-2018 Microchip Technology Inc.
The different device security segments are shown in
Figure 27-3. Here, all three segments are shown but
are not required. If only basic code protection is
required, then GS can be enabled independently or
combined with CS, if desired.
FIGURE 27-3:
SECURITY SEGMENTS
EXAMPLE FOR
dsPIC33EPXXXGS70X/80X
DEVICES
dsPIC33EPXXXGS70X/80X family devices can be
operated in Dual Partition mode, where security is
required for each partition. When operating in Dual Par-
tition mode, the Active and Inactive Partitions both
contain unique copies of the Reset vector, Interrupt
Vector Tables (IVT and AIVT, if enabled) and the Flash
Configuration Words. Both partitions have the three
security segments described previously. Code may not
be executed from the Inactive Partition, but it may be
programmed by, and read from, the Active Partition,
subject to defined code protection. Figure 27-4 and
Figure 27-5 show the different security segments for
devices operating in Dual Partition mode.
The device may also operate in a Protected Dual
Partition mode or in Privileged Dual Partition mode. In
Protected Dual Partition mode, Partition 1 is perma-
nently erase/write-protected. This implementation
allows for a “Factory Default” mode, which provides a
fail-safe backup image to be stored in Partition 1. For
example, a fail-safe bootloader can be placed in
Partition 1, along with a fail-safe backup code image,
which can be used or rewritten into Partition 2 in the
event of a failed Flash update to Partition 2.
Privileged Dual Partition mode performs the same
function as Protected Dual Partition mode, except
additional constraints are applied in an effort to prevent
code in the Boot Segment and General Segment from
being used against each other.
FIGURE 27-4:
SECURITY SEGMENTS
EXAMPLE FOR
dsPIC33EP64GS70X/80X
DEVICES (DUAL
PARTITION MODES)
IVT and AIVT
Assume
IVT
BS
AIVT + 256 IW(2)
GS
0x000000
0x000200
BSLIM<12:0>
0x0XXX00
CS(1)
Note 1:
If CS is write-protected, the last page
(GS + CS) of program memory will be
protected from an erase condition.
2:
The last half (256 IW) of the last page of
BS is unusable program memory.
BS Protection
IVT
BS
AIVT + 256IW(2)
GS
CS(1)
Unimplemented
(read ‘0’s)
IVT
BS
AIVT + 256 IW(2)
GS
CS(1)
Note 1:
If CS is write-protected, the last page
(GS + CS) of program memory will be
protected from an erase condition.
2:
The last half (256 IW) of the last page of
BS is unusable program memory.
0x000000
0x000200
BSLIM<12:0>
IVT and AIVT
Assume
IVT and AIVT
Assume
0x005800
0x400000
0x400200
BSLIM<12:0>
0x405800
BS Protection
BS Protection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com