Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSPIC33EP128GS708 Datasheet(PDF) 359 Page - Microchip Technology

Part # DSPIC33EP128GS708
Description  16-Bit Digital Signal Controllers for Digital Power Applications with Interconnected High-Speed PWM, ADC, PGA and Comparators
PDF  484 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33EP128GS708 Datasheet(HTML) 359 Page - Microchip Technology

Back Button DSPIC33EP128GS708 Datasheet HTML 355Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 356Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 357Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 358Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 359Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 360Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 361Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 362Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 363Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 359 / 484 page
background image
 2016-2018 Microchip Technology Inc.
DS70005258C-page 359
dsPIC33EPXXXGS70X/80X FAMILY
27.3
User OTP Memory
The dsPIC33EPXXXGS70X/80X family devices contain
64 words of user One-Time-Programmable (OTP) mem-
ory, located at addresses, 0x800F80 through 0x800FFC.
The user OTP Words can be used for storing checksum,
code revisions, product information, such as serial
numbers, system manufacturing dates, manufacturing lot
numbers and other application-specific information.
These words can only be written once at program time
and not at run time; they can be read at run time.
27.4
On-Chip Voltage Regulator
All the dsPIC33EPXXXGS70X/80X family devices power
their core digital logic at a nominal 1.8V. This can create
a conflict for designs that are required to operate at a
higher typical voltage, such as 3.3V. To simplify system
design, all devices in the dsPIC33EPXXXGS70X/80X
family incorporate an on-chip regulator that allows the
device to run its core logic from VDD.
The regulator provides power to the core from the other
VDD pins. A low-ESR (less than 1 Ohm) capacitor (such
as tantalum or ceramic) must be connected to the VCAP
pin (Figure 27-1). This helps to maintain the stability of
the regulator. The recommended value for the filter
capacitor is provided in Table 30-5, located in
Section 30.0 “Electrical Characteristics”.
FIGURE 27-1:
CONNECTIONS FOR THE
ON-CHIP VOLTAGE
REGULATOR(1,2,3)
27.5
Brown-out Reset (BOR)
The Brown-out Reset (BOR) module is based on an
internal voltage reference circuit that monitors the reg-
ulated supply voltage, VCAP. The main purpose of the
BOR module is to generate a device Reset when a
brown-out condition occurs. Brown-out conditions are
generally caused by glitches on the AC mains (for
example, missing portions of the AC cycle waveform
due to bad power transmission lines or voltage sags
due to excessive current draw when a large inductive
load is turned on).
A BOR generates a Reset pulse which resets the
device. The BOR selects the clock source based on the
device Configuration bit values (FNOSC<2:0> and
POSCMD<1:0>).
If an Oscillator mode is selected, the BOR activates the
Oscillator Start-up Timer (OST). The system clock is
held until OST expires. If the PLL is used, the clock is
held until the LOCK bit (OSCCON<5>) is ‘1’.
Concurrently, the Power-up Timer (PWRT) Time-out
(TPWRT) is applied before the internal Reset is released.
If TPWRT = 0 and a crystal oscillator is being used, then a
nominal delay of TFSCM is applied. The total delay in this
case is TFSCM. Refer to Parameter SY35 in Table 30-23
of Section 30.0 “Electrical Characteristics” for specific
TFSCM values.
The BOR status bit (RCON<1>) is set to indicate that a
BOR has occurred. The BOR circuit continues to oper-
ate while in Sleep or Idle modes and resets the device
should VDD fall below the BOR threshold voltage.
Note:
It is important for the low-ESR capacitor to
be placed as close as possible to the VCAP
pin.
Note 1:
These are typical operating voltages. Refer
to Table 30-5 located in Section 30.0
“Electrical Characteristics” for the full
operating ranges of VDD and VCAP.
2:
It is important for the low-ESR capacitor
to be placed as close as possible to the
VCAP pin.
3:
Typical VCAP pin voltage = 1.8V when
VDD ≥ VDDMIN.
VDD
VCAP
VSS
dsPIC33EP
3.3V
CEFC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com