Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSPIC33EP128GS708 Datasheet(PDF) 357 Page - Microchip Technology

Part # DSPIC33EP128GS708
Description  16-Bit Digital Signal Controllers for Digital Power Applications with Interconnected High-Speed PWM, ADC, PGA and Comparators
PDF  484 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33EP128GS708 Datasheet(HTML) 357 Page - Microchip Technology

Back Button DSPIC33EP128GS708 Datasheet HTML 353Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 354Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 355Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 356Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 357Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 358Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 359Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 360Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 361Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 357 / 484 page
background image
 2016-2018 Microchip Technology Inc.
DS70005258C-page 357
dsPIC33EPXXXGS70X/80X FAMILY
27.2
Device Calibration and
Identification
The PGAx and current source modules on the
dsPIC33EPXXXGS70X/80X family devices require
Calibration Data registers to improve performance of
the module over a wide operating range. These
Calibration registers are read-only and are stored in
configuration memory space. Prior to enabling the
module, the calibration data must be read (TBLPAG
and Table Read instruction) and loaded into its respec-
tive SFR registers. The device calibration addresses
are shown in Table 27-3.
The dsPIC33EPXXXGS70X/80X devices have two
Identification registers near the end of configuration
memory space that store the Device ID (DEVID) and
Device Revision (DEVREV). These registers are used
to determine the mask, variant and manufacturing
information about the device. These registers are
read-only and are shown in Register 27-1 and
Register 27-2.
TABLE 27-3:
DEVICE CALIBRATION ADDRESSES(1)
Calibration
Name
Address Bits 23-16 Bit 15 Bit 14 Bit 13 Bit 12 Bit 11 Bit 10 Bit 9 Bit 8 Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0
PGA1CAL
800E48
—
—
—
—
—
—
—
—
—
—
—
PGA1 Calibration Data
PGA2CAL
800E4C
—
—
—
—
—
—
—
—
—
—
—
PGA2 Calibration Data
ISRCCAL
800E78
—
—
—
—
—
—
—
—
—
—
—
Current Source Calibration Data
Note 1:
The calibration data must be copied into its respective SFR registers prior to enabling the module.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com