Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSPIC33EP128GS708 Datasheet(PDF) 355 Page - Microchip Technology

Part # DSPIC33EP128GS708
Description  16-Bit Digital Signal Controllers for Digital Power Applications with Interconnected High-Speed PWM, ADC, PGA and Comparators
PDF  484 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33EP128GS708 Datasheet(HTML) 355 Page - Microchip Technology

Back Button DSPIC33EP128GS708 Datasheet HTML 351Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 352Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 353Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 354Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 355Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 356Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 357Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 358Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 359Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 355 / 484 page
background image
 2016-2018 Microchip Technology Inc.
DS70005258C-page 355
dsPIC33EPXXXGS70X/80X FAMILY
WDTWIN<1:0>
Watchdog Timer Window Select bits
11 = WDT window is 25% of the WDT period
10 = WDT window is 37.5% of the WDT period
01 = WDT window is 50% of the WDT period
00 = WDT window is 75% of the WDT period
ALTI2C1
Alternate I2C1 Pin bit
1 = I2C1 is mapped to the SDA1/SCL1 pins
0 = I2C1 is mapped to the ASDA1/ASCL1 pins
ALTI2C2
Alternate I2C2 Pin bit
1 = I2C2 is mapped to the SDA2/SCL2 pins
0 = I2C2 is mapped to the ASDA2/ASCL2 pins
JTAGEN
JTAG Enable bit
1 = JTAG is enabled
0 = JTAG is disabled
ICS<1:0>
ICD Communication Channel Select bits
11 = Communicates on PGEC1 and PGED1
10 = Communicates on PGEC2 and PGED2
01 = Communicates on PGEC3 and PGED3
00 = Reserved, do not use
DBCC
DACx Output Cross Connection Select bit
1 = No cross connection between DAC outputs
0 = Interconnects DACOUT1 and DACOUT2
CTXT1<2:0>
Alternate Working Register Set 1 Interrupt Priority Level (IPL) Select bits
111 = Reserved
110 = Assigned to IPL of 7
101 = Assigned to IPL of 6
100 = Assigned to IPL of 5
011 = Assigned to IPL of 4
010 = Assigned to IPL of 3
001 = Assigned to IPL of 2
000 = Assigned to IPL of 1
CTXT2<2:0>
Alternate Working Register Set 2 Interrupt Priority Level (IPL) Select bits
111 = Reserved
110 = Assigned to IPL of 7
101 = Assigned to IPL of 6
100 = Assigned to IPL of 5
011 = Assigned to IPL of 4
010 = Assigned to IPL of 3
001 = Assigned to IPL of 2
000 = Assigned to IPL of 1
CTXT3<2:0>
Alternate Working Register Set 3 Interrupt Priority Level (IPL) Select bits
111 = Reserved
110 = Assigned to IPL of 7
101 = Assigned to IPL of 6
100 = Assigned to IPL of 5
011 = Assigned to IPL of 4
010 = Assigned to IPL of 3
001 = Assigned to IPL of 2
000 = Assigned to IPL of 1
TABLE 27-2:
CONFIGURATION BITS DESCRIPTION (CONTINUED)
Bit Field
Description
Note 1:
The Boot Segment must be present to use the Alternate Interrupt Vector Table.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com