Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSPIC33EP128GS708 Datasheet(PDF) 351 Page - Microchip Technology

Part # DSPIC33EP128GS708
Description  16-Bit Digital Signal Controllers for Digital Power Applications with Interconnected High-Speed PWM, ADC, PGA and Comparators
PDF  484 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33EP128GS708 Datasheet(HTML) 351 Page - Microchip Technology

Back Button DSPIC33EP128GS708 Datasheet HTML 347Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 348Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 349Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 350Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 351Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 352Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 353Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 354Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 355Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 351 / 484 page
background image
 2016-2018 Microchip Technology Inc.
DS70005258C-page 351
dsPIC33EPXXXGS70X/80X FAMILY
27.0 SPECIAL FEATURES
The
dsPIC33EPXXXGS70X/80X
family
devices
include several features intended to maximize
application flexibility and reliability, and minimize cost
through elimination of external components. These are:
• Flexible Configuration
• Watchdog Timer (WDT)
• Code Protection and CodeGuard™ Security
• JTAG Boundary Scan Interface
• In-Circuit Serial Programming™ (ICSP™)
• In-Circuit Emulation
• Brown-out Reset (BOR)
27.1
Configuration Bits
In dsPIC33EPXXXGS70X/80X family devices, the
Configuration Words are implemented as volatile
memory. This means that configuration data must be
programmed each time the device is powered up.
Configuration data is stored at the end of the on-chip
program memory space, known as the Flash Configura-
tion Words. Their specific locations are shown in
Table 27-1 with detailed descriptions in Table 27-2. The
configuration data is automatically loaded from the Flash
Configuration Words to the proper Configuration
Shadow registers during device Resets.
For devices operating in Dual Partition Flash modes, the
BSEQx bits (FBTSEQ<11:0>) determine which panel is
the Active Partition at start-up and the Configuration
Words from that panel are loaded into the Configuration
Shadow registers.
When creating applications for these devices, users
should always specifically allocate the location of the
Flash Configuration Words for configuration data in
their code for the compiler. This is to make certain that
program code is not stored in this address when the
code is compiled. Program code executing out of
configuration space will cause a device Reset.
Note:
This data sheet summarizes the features of
the dsPIC33EPXXXGS70X/80X family of
devices. It is not intended to be a compre-
hensive reference source. To complement
the information in this data sheet, refer to
“Device Configuration” (DS70000618),
“Watchdog Timer and Power-Saving
Modes” (DS70615) and “CodeGuard™
Intermediate Security” (DS70005182) in
the “dsPIC33/PIC24 Family Reference
Manual”, which is available from the
Microchip website (www.microchip.com).
Note:
Configuration data is reloaded on all types
of device Resets.
Note:
Performing a page erase operation on the
last page of program memory clears the
Flash Configuration Words.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com