Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSPIC33EP128GS708 Datasheet(PDF) 349 Page - Microchip Technology

Part # DSPIC33EP128GS708
Description  16-Bit Digital Signal Controllers for Digital Power Applications with Interconnected High-Speed PWM, ADC, PGA and Comparators
PDF  484 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33EP128GS708 Datasheet(HTML) 349 Page - Microchip Technology

Back Button DSPIC33EP128GS708 Datasheet HTML 345Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 346Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 347Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 348Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 349Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 350Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 351Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 352Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 353Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 349 / 484 page
background image
 2016-2018 Microchip Technology Inc.
DS70005258C-page 349
dsPIC33EPXXXGS70X/80X FAMILY
26.0 CONSTANT-CURRENT
SOURCE
The constant-current source module is a precision
current generator and is used in conjunction with the
ADC module to measure the resistance of external
resistors connected to device pins.
26.1
Features Overview
The constant-current source module offers the following
major features:
• Constant-Current Generator (10 µA nominal)
• Internal Selectable Connection to One of Four Pins
• Enable/Disable bit
26.2
Module Description
Figure 26-1 shows a functional block diagram of the
constant-current source module. It consists of a
precision current generator with a nominal value of
10 µA. The module can be enabled and disabled using
the ISRCEN bit in the ISRCCON register. The output
of the current generator is internally connected to a
device pin. The dsPIC33EPXXXGS70X/80X family
can have up to four selectable current source pins.
The OUTSEL<2:0> bits in the ISRCCON register allow
selection of the target pin.
The current source is calibrated during testing.
FIGURE 26-1:
CONSTANT-CURRENT SOURCE MODULE BLOCK DIAGRAM
Note 1: This
data
sheet
summarizes
the
features of the dsPIC33EPXXXGS70X/
80X family of devices. It is not intended
to be a comprehensive reference source.
To complement the information in this data
sheet, refer to the related section of the
“dsPIC33/PIC24 Family Reference Man-
ual”, which is available from the Microchip
website (www.microchip.com).
2: Some registers and associated bits
described in this section may not be
available on all devices. Refer to
Section 4.0 “Memory Organization” in
this data sheet for device-specific register
and bit information.
ISRC1
ISRC3
M
U
X
OUTSEL<2:0>
ISRC2
ISRC4
ISRCEN
Constant-Current Source



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com