Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSPIC33EP128GS708 Datasheet(PDF) 345 Page - Microchip Technology

Part # DSPIC33EP128GS708
Description  16-Bit Digital Signal Controllers for Digital Power Applications with Interconnected High-Speed PWM, ADC, PGA and Comparators
PDF  484 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33EP128GS708 Datasheet(HTML) 345 Page - Microchip Technology

Back Button DSPIC33EP128GS708 Datasheet HTML 341Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 342Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 343Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 344Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 345Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 346Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 347Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 348Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 349Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 345 / 484 page
background image
 2016-2018 Microchip Technology Inc.
DS70005258C-page 345
dsPIC33EPXXXGS70X/80X FAMILY
25.0 PROGRAMMABLE GAIN
AMPLIFIER (PGA)
The dsPIC33EPXXXGS70X/80X family devices have
two Programmable Gain Amplifiers (PGA1, PGA2).
The PGA is an op amp-based, non-inverting amplifier
with user-programmable gains. The output of the PGA
can be connected to a number of dedicated Sample-
and-Hold inputs of the Analog-to-Digital Converter and/
or to the high-speed analog comparator module. The
PGA has five selectable gains and may be used as a
ground referenced amplifier (single-ended) or used
with an independent ground reference point.
Key features of the PGA module include:
• Single-Ended or Independent Ground Reference
• Selectable Gains: 4x, 8x, 16x, 32x and 64x
• High Gain Bandwidth
• Rail-to-Rail Output Voltage
• Wide Input Voltage Range
FIGURE 25-1:
PGAx MODULE BLOCK DIAGRAM
Note 1: This
data
sheet
summarizes
the
features of the dsPIC33EPXXXGS70X/
80X family of devices. It is not intended
to be a comprehensive reference source.
To complement the information in this data
sheet, refer to “Programmable Gain
Amplifier (PGA)” (DS70005146) in the
“dsPIC33/PIC24 Family Reference Man-
ual”, which is available from the Microchip
website (www.microchip.com).
2: Some registers and associated bits
described in this section may not be
available on all devices. Refer to
Section 4.0 “Memory Organization” in
this data sheet for device-specific register
and bit information.
GAIN<2:0> = 6
Gain of 64x
GAIN<2:0> = 5
GAIN<2:0> = 4
GAIN<2:0> = 3
GAIN<2:0> = 2
AMPx
–
+
PGACAL<5:0>
PGAx Negative Input
PGAx Positive Input
Gain of 32x
Gain of 16x
Gain of 8x
Gain of 4x
PGAxOUT
Note 1: x = 1 and 2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com