Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSPIC33EP128GS708 Datasheet(PDF) 342 Page - Microchip Technology

Part # DSPIC33EP128GS708
Description  16-Bit Digital Signal Controllers for Digital Power Applications with Interconnected High-Speed PWM, ADC, PGA and Comparators
PDF  484 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33EP128GS708 Datasheet(HTML) 342 Page - Microchip Technology

Back Button DSPIC33EP128GS708 Datasheet HTML 338Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 339Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 340Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 341Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 342Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 343Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 344Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 345Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 346Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 342 / 484 page
background image
dsPIC33EPXXXGS70X/80X FAMILY
DS70005258C-page 342
 2016-2018 Microchip Technology Inc.
bit 5
EXTREF: Enable External Reference bit
1 = External source provides reference to DACx (maximum DAC voltage is determined by the external
voltage source)
0 =AVDD provides reference to DACx (maximum DAC voltage is AVDD)
bit 4
HYSPOL: Comparator Hysteresis Polarity Select bit
1 = Hysteresis is applied to the falling edge of the comparator output
0 = Hysteresis is applied to the rising edge of the comparator output
bit 3
CMPSTAT: Comparator Current State bit
Reflects the current output state of Comparator x, including the setting of the CMPPOL bit.
bit 2
ALTINP: Alternate Input Select bit
1 = INSEL<1:0> bits select alternate inputs
0 = INSEL<1:0> bits select comparator inputs
bit 1
CMPPOL: Comparator Output Polarity Control bit
1 = Output is inverted
0 = Output is non-inverted
bit 0
RANGE: DACx Output Voltage Range Select bit
1 = AVDD is the maximum DACx output voltage
0 = Unimplemented, do not use
REGISTER 24-1:
CMPxCON: COMPARATOR x CONTROL REGISTER (CONTINUED)
Note 1:
DACOUTx can be associated only with a single comparator at any given time. The software must ensure
that multiple comparators do not enable the DACx output by setting their respective DACOE bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com