Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSPIC33EP128GS708 Datasheet(PDF) 339 Page - Microchip Technology

Part # DSPIC33EP128GS708
Description  16-Bit Digital Signal Controllers for Digital Power Applications with Interconnected High-Speed PWM, ADC, PGA and Comparators
PDF  484 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33EP128GS708 Datasheet(HTML) 339 Page - Microchip Technology

Back Button DSPIC33EP128GS708 Datasheet HTML 335Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 336Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 337Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 338Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 339Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 340Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 341Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 342Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 343Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 339 / 484 page
background image
 2016-2018 Microchip Technology Inc.
DS70005258C-page 339
dsPIC33EPXXXGS70X/80X FAMILY
24.3
Module Applications
This module provides a means for the SMPS dsPIC®
DSC devices to monitor voltage and currents in a
power conversion application. The ability to detect
transient conditions and stimulate the dsPIC DSC
processor and/or peripherals, without requiring the
processor and ADC to constantly monitor voltages or
currents, frees the dsPIC DSC to perform other tasks.
The comparator module has a high-speed comparator
and an associated 12-bit DAC that provides a
programmable reference voltage to the inverting input
of the comparator. The polarity of the comparator out-
put is user-programmable. The output of the module
can be used in the following modes:
• Generate an Interrupt
• Trigger an ADC Sample and Convert Process
• Truncate the PWM Signal (current limit)
• Truncate the PWM Period (current minimum)
• Disable the PWM Outputs (Fault latch)
The output of the comparator module may be used in
multiple modes at the same time, such as: 1) generate
an interrupt, 2) have the ADC take a sample and con-
vert it, and 3) truncate the PWM output in response to
a voltage being detected beyond its expected value.
The comparator module can also be used to wake-up the
system from Sleep or Idle mode when the analog input
voltage exceeds the programmed threshold voltage.
24.4
Digital-to-Analog Comparator (DAC)
Each analog comparator has a dedicated 12-bit DAC
that is used to program the comparator threshold voltage
via the CMPxDAC register. The DAC voltage reference
source is selected using the EXTREF and RANGE bits
in the CMPxCON register.
The EXTREF bit selects either the external voltage ref-
erence, EXTREFx, or an internal source as the voltage
reference source. The EXTREFx input enables users to
connect to a voltage reference that better suits their
application. The RANGE bit enables AVDD as the
voltage reference source for the DAC when an internal
voltage reference is selected.
Each DACx has an output enable bit, DACOE, in the
CMPxCON register that enables the DACx reference
voltage to be routed to an external output pin
(DACOUTx). Refer to Figure 24-1 for connecting the
DACx output voltage to the DACOUTx pins.
24.5
Pulse Stretcher and Digital Logic
The analog comparator can respond to very fast tran-
sient signals. After the comparator output is given the
desired polarity, the signal is passed to a pulse
stretching circuit. The pulse stretching circuit has an
asynchronous set function and a delay circuit that
ensures the minimum pulse width is three system clock
cycles wide to allow the attached circuitry to properly
respond to a narrow pulse event.
The pulse stretcher circuit is followed by a digital filter.
The digital filter is enabled via the FLTREN bit in the
CMPxCON register. The digital filter operates with the
clock specified via the FCLKSEL bit in the CMPxCON
register. The comparator signal must be stable in a high
or low state, for at least three of the selected clock
cycles, for it to pass through the digital filter.
Note:
EXTREF2 is not available on all devices.
Note 1: Ensure that multiple DACOE bits are not
set in software. The output on the
DACOUTx pin will be indeterminate if
multiple comparators enable the DACx
output.
2: DACOUT2 is not available on all devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com