Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSPIC33EP128GS708 Datasheet(PDF) 340 Page - Microchip Technology

Part # DSPIC33EP128GS708
Description  16-Bit Digital Signal Controllers for Digital Power Applications with Interconnected High-Speed PWM, ADC, PGA and Comparators
PDF  484 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33EP128GS708 Datasheet(HTML) 340 Page - Microchip Technology

Back Button DSPIC33EP128GS708 Datasheet HTML 336Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 337Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 338Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 339Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 340Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 341Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 342Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 343Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 344Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 340 / 484 page
background image
dsPIC33EPXXXGS70X/80X FAMILY
DS70005258C-page 340
 2016-2018 Microchip Technology Inc.
24.6
Hysteresis
An additional feature of the module is hysteresis con-
trol. Hysteresis can be enabled or disabled and its
amplitude can be controlled by the HYSSEL<1:0> bits
in the CMPxCON register. Three different values are
available: 15 mV, 30 mV and 45 mV. It is also possible
to select the edge (rising or falling) to which hysteresis
is to be applied.
Hysteresis control prevents the comparator output from
continuously changing state because of small
perturbations (noise) at the input (see Figure 24-2).
FIGURE 24-2:
HYSTERESIS CONTROL
24.7
Analog Comparator Resources
Many useful resources are provided on the main prod-
uct page of the Microchip website for the devices listed
in this data sheet. This product page contains the latest
updates and additional information.
24.7.1
KEY RESOURCES
• “High-Speed Analog Comparator Module”
(DS70005128) in the “dsPIC33/PIC24 Family
Reference Manual”
• Code Samples
• Application Notes
• Software Libraries
• Webinars
• All Related “dsPIC33/PIC24 Family Reference
Manual” Sections
• Development Tools
Output
Input
Hysteresis Range
(15 mV/30 mV/45 mV)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com