Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSPIC33EP128GS708 Datasheet(PDF) 341 Page - Microchip Technology

Part # DSPIC33EP128GS708
Description  16-Bit Digital Signal Controllers for Digital Power Applications with Interconnected High-Speed PWM, ADC, PGA and Comparators
PDF  484 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33EP128GS708 Datasheet(HTML) 341 Page - Microchip Technology

Back Button DSPIC33EP128GS708 Datasheet HTML 337Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 338Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 339Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 340Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 341Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 342Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 343Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 344Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 345Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 341 / 484 page
background image
 2016-2018 Microchip Technology Inc.
DS70005258C-page 341
dsPIC33EPXXXGS70X/80X FAMILY
REGISTER 24-1:
CMPxCON: COMPARATOR x CONTROL REGISTER
R/W-0
U-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
CMPON
—
CMPSIDL
HYSSEL1
HYSSEL0
FLTREN
FCLKSEL
DACOE
bit 15
bit 8
R/W-0
R/W-0
R/W-0
R/W-0
HS/HC-0
R/W-0
R/W-0
R/W-0
INSEL1
INSEL0
EXTREF
HYSPOL
CMPSTAT
ALTINP
CMPPOL
RANGE
bit 7
bit 0
Legend:
HC = Hardware Clearable bit HS = Hardware Settable bit
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 15
CMPON: Comparator Operating Mode bit
1 = Comparator module is enabled
0 = Comparator module is disabled (reduces power consumption)
bit 14
Unimplemented: Read as ‘0’
bit 13
CMPSIDL: Comparator Stop in Idle Mode bit
1 = Discontinues module operation when device enters Idle mode.
0 = Continues module operation in Idle mode
If a device has multiple comparators, any CMPSIDL bit set to ‘1’ disables all comparators while in Idle mode.
bit 12-11
HYSSEL<1:0>: Comparator Hysteresis Select bits
11 = 45 mV hysteresis
10 = 30 mV hysteresis
01 = 15 mV hysteresis
00 = No hysteresis is selected
bit 10
FLTREN: Digital Filter Enable bit
1 = Digital filter is enabled
0 = Digital filter is disabled
bit 9
FCLKSEL: Digital Filter and Pulse Stretcher Clock Select bit
1 = Digital filter and pulse stretcher operate with the PWM clock
0 = Digital filter and pulse stretcher operate with the system clock
bit 8
DACOE: DACx Output Enable bit
1 = DACx analog voltage is connected to the DACOUTx pin(1)
0 = DACx analog voltage is not connected to the DACOUTx pin
bit 7-6
INSEL<1:0>: Input Source Select for Comparator bits
If ALTINP = 0, Select from Comparator Inputs:
11 = Selects CMPxD input pin
10 = Selects CMPxC input pin
01 = Selects CMPxB input pin
00 = Selects CMPxA input pin
If ALTINP = 1, Select from Alternate Inputs:
11 = Reserved
10 = Reserved
01 = Selects PGA2 output
00 = Selects PGA1 output
Note 1:
DACOUTx can be associated only with a single comparator at any given time. The software must ensure
that multiple comparators do not enable the DACx output by setting their respective DACOE bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com