Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSPIC33EP128GS708 Datasheet(PDF) 346 Page - Microchip Technology

Part # DSPIC33EP128GS708
Description  16-Bit Digital Signal Controllers for Digital Power Applications with Interconnected High-Speed PWM, ADC, PGA and Comparators
PDF  484 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33EP128GS708 Datasheet(HTML) 346 Page - Microchip Technology

Back Button DSPIC33EP128GS708 Datasheet HTML 342Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 343Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 344Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 345Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 346Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 347Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 348Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 349Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 350Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 346 / 484 page
background image
dsPIC33EPXXXGS70X/80X FAMILY
DS70005258C-page 346
 2016-2018 Microchip Technology Inc.
25.1
Module Description
The Programmable Gain Amplifiers are used to amplify
small voltages (i.e., voltages across burden/shunt
resistors) to improve the signal-to-noise ratio of the
measured signal. The PGAx output voltage can be
read by any of the four dedicated Sample-and-Hold
circuits on the ADC module. The output voltage can
also be fed to the comparator module for overcurrent/
voltage protection. Figure 25-2 shows a functional
block diagram of the PGAx module. Refer to
Section 22.0 “High-Speed, 12-Bit Analog-to-Digital
Converter (ADC)” and Section 24.0 “High-Speed
Analog Comparator” for more interconnection details.
The gain of the PGAx module is selectable via the
GAIN<2:0> bits in the PGAxCON register. There are
five selectable gains, ranging from 4x to 64x. The
SELPI<2:0> and SELNI<2:0> bits in the PGAxCON
register select one of four positive/negative inputs to
the PGAx module. For single-ended applications, the
SELNI<2:0> bits will select the ground as the negative
input source. To provide an independent ground
reference, the PGAxN2 and PGAxN3 pins are available
as the negative input source to the PGAx module.
The output voltage of the PGAx module can be
connected to the DACOUTx pin by setting the
PGAOEN bit in the PGAxCON register. When the
PGAOEN bit is enabled, the output voltage of PGA1 is
connected to DACOUT1 and PGA2 is connected to
DACOUT2. For devices with a single DACOUTx pin,
the output voltage of PGA2 can be connected to
DACOUT1 by configuring the DBCC Configuration bit
in the FDEVOPT register (FDEVOPT<6>).
If both the DACx output voltage and PGAx output volt-
age are connected to the DACOUTx pin, the resulting
output voltage would be a combination of signals.
There is no assigned priority between the PGAx
module and the DACx module.
FIGURE 25-2:
PGAx FUNCTIONAL BLOCK DIAGRAM
Note 1: Not all PGA positive/negative inputs are
available on all devices. Refer to the
specific device pinout for available input
source pins.
–
+
PGAxP1(1)
PGAxP2(1)
PGAxP3(1)
PGAxP4(1)
SELPI<2:0>
SELNI<2:0>
GND
PGAxN2(1)
PGAxN3(1,3)
GND
ADC
S&H
PGAxCON(1)
PGAxCAL(1)
PGAEN GAIN<2:0>
PGACAL<5:0>
+
–
DACx
CxCHS<1:0>
(ADCON4H)
INSEL<1:0>
(CMPCONx)
To DACOUTx Pin(2)
PGAx(1)
Note 1: x = 1 and 2.
2: The DACOUT2 device pin is only available on 64-pin devices.
3: The PGAxN3 input is not available on 28-pin devices.
PGAOEN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com