Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSPIC33EP128GS708 Datasheet(PDF) 350 Page - Microchip Technology

Part # DSPIC33EP128GS708
Description  16-Bit Digital Signal Controllers for Digital Power Applications with Interconnected High-Speed PWM, ADC, PGA and Comparators
PDF  484 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33EP128GS708 Datasheet(HTML) 350 Page - Microchip Technology

Back Button DSPIC33EP128GS708 Datasheet HTML 346Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 347Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 348Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 349Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 350Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 351Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 352Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 353Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 354Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 350 / 484 page
background image
dsPIC33EPXXXGS70X/80X FAMILY
DS70005258C-page 350
 2016-2018 Microchip Technology Inc.
26.3
Current Source Control Register
REGISTER 26-1:
ISRCCON: CONSTANT-CURRENT SOURCE CONTROL REGISTER
R/W-0
U-0
U-0
U-0
U-0
R/W-0
R/W-0
R/W-0
ISRCEN
—
—
—
—
OUTSEL2(1)
OUTSEL1(1) OUTSEL0(1)
bit 15
bit 8
U-0
U-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
—
—
ISRCCAL5
ISRCCAL4
ISRCCAL3
ISRCCAL2
ISRCCAL1
ISRCCAL0
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 15
ISRCEN: Constant-Current Source Enable bit
1 = Current source is enabled
0 = Current source is disabled
bit 14-11
Unimplemented: Read as ‘0’
bit 10-8
OUTSEL<2:0>: Output Constant-Current Select bits(1)
111 = Reserved
110 = Reserved
101 = Reserved
100 = Reserved
011 = Input pin, ISRC4 (AN4)
010 = Input pin, ISRC3 (AN5)
001 = Input pin, ISRC2 (AN6)
000 = Input pin, ISRC1 (AN12)
bit 7-6
Unimplemented: Read as ‘0’
bit 5-0
ISRCCAL<5:0>: Constant-Current Source Calibration bits
The calibration value must be copied from Flash address, 0x800E78, into these bits before the
module is enabled. Refer to the calibration data address table (Table 27-3) in Section 27.0 “Special
Features” for more information.
Note 1:
ISRC1 and ISCR3 are not available on 28, 44 and 48-pin packages. Refer to the “Pin Diagrams” section
for availability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com