Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSPIC33EP128GS708 Datasheet(PDF) 352 Page - Microchip Technology

Part # DSPIC33EP128GS708
Description  16-Bit Digital Signal Controllers for Digital Power Applications with Interconnected High-Speed PWM, ADC, PGA and Comparators
PDF  484 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33EP128GS708 Datasheet(HTML) 352 Page - Microchip Technology

Back Button DSPIC33EP128GS708 Datasheet HTML 348Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 349Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 350Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 351Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 352Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 353Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 354Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 355Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 356Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 352 / 484 page
background image
TABLE 27-1:
CONFIGURATION REGISTER MAP(3)
Name
Address
Device
Memory
Size
(Kbytes)
Bits 23-16
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
FSEC
00AF80
64
—
AIVTDIS
—
—
—
CSS<2:0>
CWRP
GSS<1:0>
GWRP
—
BSEN
BSS<1:0>
BWRP
015780
128
FBSLIM
00AF90
64
—
—
—
—
BSLIM<12:0>
015790
128
FSIGN
00AF90
64
—
Reserved(2)
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
015794
128
FOSCSEL
00AF98
64
—
—
—
—
—
—
—
—
—
IESO
—
—
—
—FNOSC<2:0>
015798
128
FOSC
00AF9C
64
—
—
—
—
—
—
—
—
PLLKEN
FCKSM<1:0>
IOL1WAY
—
—
OSCIOFNC
POSCMD<1:0>
01579C
128
FWDT
00AFA0
64
—
—
—
—
—
—
—
WDTWIN<1:0>
WINDIS
WDTEN<1:0>
WDTPRE
WDTPOST<3:0>
0157A0
128
FPOR
00AFA4
64
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
Reserved(1)
0157A4
128
FICD
00AFA8
64
—BTSWP
—
—
—
—
—
—
—
Reserved(1)
—JTAGEN
—
—
—ICS<1:0>
0157A8
128
FDEVOPT 00AFAC
64
—
—
—
—
—
—
—
—
—
—DBCC
—
ALTI2C2 ALTI2C1 Reserved(1)
—PWMLOCK
0157AC
128
FALTREG 00AFB0
64
—
—
CTXT4<2:0>
—CTXT3<3:0>
—
CTXT2 <2:0>
—
CTXT1 <2:0>
0157B0
128
FBTSEQ 00AFFC
64
IBSEQ<11:0>
BSEQ<11:0>
0157FC
128
FBOOT(4) 801000
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
BTMODE<1:0>
Note 1:
These bits are reserved and must be programmed as ‘1’.
2:
This bit is reserved and must be programmed as ‘0’.
3:
When operating in Dual Partition Flash mode, each partition will have dedicated Configuration registers. On a device Reset, the configuration values of the Active Partition are read at start-up, but during a soft
swap condition, the configuration settings of the newly Active Partition are ignored.
4:
FBOOT resides in configuration memory space.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com