Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSPIC33EP128GS708 Datasheet(PDF) 353 Page - Microchip Technology

Part # DSPIC33EP128GS708
Description  16-Bit Digital Signal Controllers for Digital Power Applications with Interconnected High-Speed PWM, ADC, PGA and Comparators
PDF  484 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33EP128GS708 Datasheet(HTML) 353 Page - Microchip Technology

Back Button DSPIC33EP128GS708 Datasheet HTML 349Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 350Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 351Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 352Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 353Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 354Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 355Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 356Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 357Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 353 / 484 page
background image
 2016-2018 Microchip Technology Inc.
DS70005258C-page 353
dsPIC33EPXXXGS70X/80X FAMILY
TABLE 27-2:
CONFIGURATION BITS DESCRIPTION
Bit Field
Description
BSS<1:0>
Boot Segment Code-Protect Level bits
11 = Boot Segment is not code-protected other than BWRP
10 = Standard security
0x = High security
BSEN
Boot Segment Control bit
1 = No Boot Segment is enabled
0 = Boot Segment size is determined by the BSLIM<12:0> bits
BWRP
Boot Segment Write-Protect bit
1 = Boot Segment can be written
0 = Boot Segment is write-protected
BSLIM<12:0>
Boot Segment Flash Page Address Limit bits
Contains the last active Boot Segment page. The value to be programmed is the inverted
page address, such that programming additional ‘0’s can only increase the Boot Segment
size (i.e., 0x1FFD = 2 Pages or 1024 IW).
GSS<1:0>
General Segment Code-Protect Level bits
11 = User program memory is not code-protected
10 = Standard security
0x = High security
GWRP
General Segment Write-Protect bit
1 = User program memory is not write-protected
0 = User program memory is write-protected
CWRP
Configuration Segment Write-Protect bit
1 = Configuration data is not write-protected
0 = Configuration data is write-protected
CSS<2:0>
Configuration Segment Code-Protect Level bits
111 = Configuration data is not code-protected
110 = Standard security
10x = Enhanced security
0xx = High security
BTSWP
BOOTSWP Instruction Enable/Disable bit
1 = BOOTSWP instruction is disabled
0 = BOOTSWP instruction is enabled
BSEQ<11:0>
Boot Sequence Number bits (Dual Partition modes only)
Relative value defining which partition will be active after device Reset; the partition
containing a lower boot number will be active.
IBSEQ<11:0>
Inverse Boot Sequence Number bits (Dual Partition modes only)
The one’s complement of BSEQ<11:0>; must be calculated by the user and written for
device programming. If BSEQx and IBSEQx are not complements of each other, the Boot
Sequence Number is considered to be invalid.
AIVTDIS(1)
Alternate Interrupt Vector Table bit
1 = Alternate Interrupt Vector Table is disabled
0 = Alternate Interrupt Vector Table is enabled if INTCON2<8> = 1
IESO
Two-Speed Oscillator Start-up Enable bit
1 = Starts up device with FRC, then automatically switches to the user-selected oscillator
source when ready
0 = Starts up device with the user-selected oscillator source
PWMLOCK
PWMx Lock Enable bit
1 = Certain PWMx registers may only be written after a key sequence
0 = PWMx registers may be written without a key sequence
Note 1:
The Boot Segment must be present to use the Alternate Interrupt Vector Table.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com