Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSPIC33EP128GS708 Datasheet(PDF) 110 Page - Microchip Technology

Part # DSPIC33EP128GS708
Description  16-Bit Digital Signal Controllers for Digital Power Applications with Interconnected High-Speed PWM, ADC, PGA and Comparators
PDF  484 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33EP128GS708 Datasheet(HTML) 110 Page - Microchip Technology

Back Button DSPIC33EP128GS708 Datasheet HTML 106Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 107Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 108Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 109Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 110Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 111Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 112Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 113Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 114Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 484 page
background image
dsPIC33EPXXXGS70X/80X FAMILY
DS70005258C-page 110
 2016-2018 Microchip Technology Inc.
bit 4
Unimplemented: Read as ‘0’
bit 3
CF: Clock Fail Detect bit(3)
1 = FSCM has detected a clock failure
0 = FSCM has not detected a clock failure
bit 2-1
Unimplemented: Read as ‘0’
bit 0
OSWEN: Oscillator Switch Enable bit
1 = Requests oscillator switch to the selection specified by the NOSC<2:0> bits
0 = Oscillator switch is complete
REGISTER 9-1:
OSCCON: OSCILLATOR CONTROL REGISTER(1) (CONTINUED)
Note 1:
Writes to this register require an unlock sequence.
2:
Direct clock switches between any Primary Oscillator mode with PLL and FRCPLL mode are not
permitted. This applies to clock switches in either direction. In these instances, the application must switch
to FRC mode as a transitional clock source between the two PLL modes.
3:
This bit should only be cleared in software. Setting the bit in software (= 1) will have the same effect as an
actual oscillator failure and will trigger an oscillator failure trap.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com