Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSPIC33EP128GS708 Datasheet(PDF) 109 Page - Microchip Technology

Part # DSPIC33EP128GS708
Description  16-Bit Digital Signal Controllers for Digital Power Applications with Interconnected High-Speed PWM, ADC, PGA and Comparators
PDF  484 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33EP128GS708 Datasheet(HTML) 109 Page - Microchip Technology

Back Button DSPIC33EP128GS708 Datasheet HTML 105Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 106Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 107Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 108Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 109Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 110Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 111Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 112Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 113Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 109 / 484 page
background image
 2016-2018 Microchip Technology Inc.
DS70005258C-page 109
dsPIC33EPXXXGS70X/80X FAMILY
9.5
Oscillator Control Registers
REGISTER 9-1:
OSCCON: OSCILLATOR CONTROL REGISTER(1)
U-0
R-0
R-0
R-0
U-0
R/W-y
R/W-y
R/W-y
—
COSC2
COSC1
COSC0
—NOSC2(2)
NOSC1(2)
NOSC0(2)
bit 15
bit 8
R/W-0
R/W-0
R-0
U-0
R/W-0
U-0
U-0
R/W-0
CLKLOCK
IOLOCK
LOCK
—CF(3)
—
—
OSWEN
bit 7
bit 0
Legend:
y = Value set from Configuration bits on POR
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 15
Unimplemented: Read as ‘0’
bit 14-12
COSC<2:0>: Current Oscillator Selection bits (read-only)
111 = Fast RC Oscillator (FRC) with Divide-by-n
110 = Fast RC Oscillator (FRC) with Divide-by-16
101 = Low-Power RC Oscillator (LPRC)
100 = Reserved
011 = Primary Oscillator (XT, HS, EC) with PLL
010 = Primary Oscillator (XT, HS, EC)
001 = Fast RC Oscillator (FRC) with Divide-by-N and PLL (FRCPLL)
000 = Fast RC Oscillator (FRC)
bit 11
Unimplemented: Read as ‘0’
bit 10-8
NOSC<2:0>: New Oscillator Selection bits(2)
111 = Fast RC Oscillator (FRC) with Divide-by-n
110 = Fast RC Oscillator (FRC) with Divide-by-16
101 = Low-Power RC Oscillator (LPRC)
100 = Reserved
011 = Primary Oscillator (XT, HS, EC) with PLL
010 = Primary Oscillator (XT, HS, EC)
001 = Fast RC Oscillator (FRC) with Divide-by-N and PLL (FRCPLL)
000 = Fast RC Oscillator (FRC)
bit 7
CLKLOCK: Clock Lock Enable bit
1 = If (FCKSM0 = 1), then clock and PLL configurations are locked; if (FCKSM0 = 0), then clock and
PLL configurations may be modified
0 = Clock and PLL selections are not locked, configurations may be modified
bit 6
IOLOCK: I/O Lock Enable bit
1 = I/O lock is active
0 = I/O lock is not active
bit 5
LOCK: PLL Lock Status bit (read-only)
1 = Indicates that PLL is in lock or PLL start-up timer is satisfied
0 = Indicates that PLL is out of lock, start-up timer is in progress or PLL is disabled
Note 1:
Writes to this register require an unlock sequence.
2:
Direct clock switches between any Primary Oscillator mode with PLL and FRCPLL mode are not
permitted. This applies to clock switches in either direction. In these instances, the application must switch
to FRC mode as a transitional clock source between the two PLL modes.
3:
This bit should only be cleared in software. Setting the bit in software (= 1) will have the same effect as an
actual oscillator failure and will trigger an oscillator failure trap.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com