Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSPIC33EP128GS708 Datasheet(PDF) 108 Page - Microchip Technology

Part # DSPIC33EP128GS708
Description  16-Bit Digital Signal Controllers for Digital Power Applications with Interconnected High-Speed PWM, ADC, PGA and Comparators
PDF  484 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33EP128GS708 Datasheet(HTML) 108 Page - Microchip Technology

Back Button DSPIC33EP128GS708 Datasheet HTML 104Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 105Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 106Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 107Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 108Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 109Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 110Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 111Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 112Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 484 page
background image
dsPIC33EPXXXGS70X/80X FAMILY
DS70005258C-page 108
 2016-2018 Microchip Technology Inc.
TABLE 9-1:
CONFIGURATION BIT VALUES FOR CLOCK SELECTION
9.2
Auxiliary Clock Generation
The auxiliary clock generation is used for peripherals
that need to operate at a frequency unrelated to the
system clock, such as PWM or ADC.
The primary oscillator and internal FRC oscillator
sources can be used with an Auxiliary PLL (APLL) to
obtain the auxiliary clock. The Auxiliary PLL has a fixed
16x multiplication factor.
The auxiliary clock has the following configuration
restrictions:
• For proper PWM operation, auxiliary clock
generation must be configured for 120 MHz (see
Parameter OS56 in Section 30.0 “Electrical Char-
acteristics”). If a slower frequency is desired, the
PWM Input Clock Prescaler (Divider) Select bits
(PCLKDIV<2:0>) should be used.
• To achieve 1.04 ns PWM resolution, the auxiliary
clock must use the 16x Auxiliary PLL (APLL). All
other clock sources will have a minimum PWM
resolution of 8 ns.
• If the primary PLL is used as a source for the
auxiliary clock, the primary PLL should be config-
ured up to a maximum operation of 30 MIPS or
less.
9.3
Reference Clock Generation
The reference clock output logic provides the user with
the ability to output a clock signal based on the system
clock or the crystal oscillator on a device pin. The user
application can specify a wide range of clock scaling
prior to outputting the reference clock.
9.4
Oscillator Resources
Many useful resources are provided on the main prod-
uct page of the Microchip website for the devices listed
in this data sheet. This product page contains the latest
updates and additional information.
9.4.1
KEY RESOURCES
• “Oscillator Module” (DS70005131) in the
“dsPIC33/PIC24 Family Reference Manual”
• Code Samples
• Application Notes
• Software Libraries
• Webinars
• All Related “dsPIC33/PIC24 Family Reference
Manual” Sections
• Development Tools
Oscillator Mode
Oscillator Source
POSCMD<1:0> FNOSC<2:0>
See
Notes
Fast RC Oscillator with Divide-by-n (FRCDIVN)
Internal
xx
111
1, 2
Fast RC Oscillator with Divide-by-16
Internal
xx
110
1
Low-Power RC Oscillator (LPRC)
Internal
xx
101
1
Primary Oscillator (HS) with PLL (HSPLL)
Primary
10
011
Primary Oscillator (XT) with PLL (XTPLL)
Primary
01
011
Primary Oscillator (EC) with PLL (ECPLL)
Primary
00
011
1
Primary Oscillator (HS)
Primary
10
010
Primary Oscillator (XT)
Primary
01
010
Primary Oscillator (EC)
Primary
00
010
1
Fast RC Oscillator (FRC) with Divide-by-N and
PLL (FRCPLL)
Internal
xx
001
1
Fast RC Oscillator (FRC)
Internal
xx
000
1
Note 1:
OSC2 pin function is determined by the OSCIOFNC Configuration bit.
2:
This is the default Oscillator mode for an unprogrammed (erased) device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com