Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSPIC33EP128GS708 Datasheet(PDF) 107 Page - Microchip Technology

Part # DSPIC33EP128GS708
Description  16-Bit Digital Signal Controllers for Digital Power Applications with Interconnected High-Speed PWM, ADC, PGA and Comparators
PDF  484 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33EP128GS708 Datasheet(HTML) 107 Page - Microchip Technology

Back Button DSPIC33EP128GS708 Datasheet HTML 103Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 104Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 105Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 106Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 107Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 108Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 109Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 110Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 111Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 484 page
background image
 2016-2018 Microchip Technology Inc.
DS70005258C-page 107
dsPIC33EPXXXGS70X/80X FAMILY
9.1
CPU Clocking System
The dsPIC33EPXXXGS70X/80X family of devices
provides six system clock options:
• Fast RC (FRC) Oscillator
• FRC Oscillator with Phase-Locked Loop
(FRCPLL)
• FRC Oscillator with Postscaler
• Primary (XT, HS or EC) Oscillator
• Primary Oscillator with PLL (XTPLL, HSPLL,
ECPLL)
• Low-Power RC (LPRC) Oscillator
Instruction execution speed or device operating
frequency, FCY, is given by Equation 9-1.
EQUATION 9-1:
DEVICE OPERATING
FREQUENCY
Figure 9-2 is a block diagram of the PLL module.
Equation 9-2 provides the relationship between Input
Frequency (FIN) and Output Frequency (FPLLO).
Equation 9-3 provides the relationship between Input
Frequency (FIN) and VCO Frequency (FVCO).
FIGURE 9-2:
PLL BLOCK DIAGRAM
EQUATION 9-2:
FPLLO CALCULATION
EQUATION 9-3:
FVCO CALCULATION
FCY = FOSC/2
÷ N1
÷ M
÷ N2
PFD
VCO
PLLPRE<4:0>
PLLDIV<8:0>
PLLPOST<1:0>
0.8 MHz < FPLLI(1) < 8.0 MHz
120 MHZ < FVCO(1) < 340 MHZ
FPLLO(1)
 120 MHz @ +125ºC
FIN
FPLLI
FVCO
FOSC
Note 1: This frequency range must be met at all times.
FPLLO(1)
 140 MHz @ +85ºC
Where:
N1 = PLLPRE<4:0> + 2
N2 = 2 x (PLLPOST<1:0> + 1)
M = PLLDIV<8:0> + 2
FPLLO = FIN
PLLDIV<8:0> + 2
(PLLPRE<4:0> + 2)
2(PLLPOST<1:0> + 1)
M
N1

()
() = FIN
FVCO = FIN
PLLDIV<8:0> + 2
(PLLPRE<4:0> + 2)
M
N1
()
() = FIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com