Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATXP032 Datasheet(PDF) 41 Page - Dialog Semiconductor

Part # ATXP032
Description  EcoXiP??High Performance Low-Power Octal Flash
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

ATXP032 Datasheet(HTML) 41 Page - Dialog Semiconductor

Back Button ATXP032 Datasheet HTML 37Page - Dialog Semiconductor ATXP032 Datasheet HTML 38Page - Dialog Semiconductor ATXP032 Datasheet HTML 39Page - Dialog Semiconductor ATXP032 Datasheet HTML 40Page - Dialog Semiconductor ATXP032 Datasheet HTML 41Page - Dialog Semiconductor ATXP032 Datasheet HTML 42Page - Dialog Semiconductor ATXP032 Datasheet HTML 43Page - Dialog Semiconductor ATXP032 Datasheet HTML 44Page - Dialog Semiconductor ATXP032 Datasheet HTML 45Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 113 page
background image
39
ATXP032
DS-ATXP032–114I–4-2020
Figure 9-19. Program/Erase Suspend
Terminate (F0h)
Allowed(4)
Allowed (4)
Allowed(4)
Read Manufacturer and Device ID (9Fh)
Allowed
Allowed
Allowed
Deep Power-Down (B9h)
Not Allowed
Not Allowed
Not Allowed
Resume from Deep Power-Down (ABh)
N/A
N/A
N/A
Ultra-Deep Power-Down (79h)
Not Allowed
Not Allowed
Not Allowed
Read SFDP (5Ah)
Not Allowed
Allowed
Allowed
Enter Octal Mode (E8h)
Not Allowed
Not Allowed
Not Allowed
Return to Standard SPI Mode (FFh)
Not Allowed
Not Allowed
Not Allowed
Echo (AAh)
Allowed
Allowed
Allowed
Echo with inversion (A5h)
Allowed
Allowed
Allowed
1.
Allowed for all 2 Mbit sectors other than the one currently suspended.
2.
Another program or erase operation cannot be started during a program suspend, so an additional program or erase suspend is not applicable.
3.
Current write in progress will finish. To stop a write in progress, use the Terminate command.
4.
This operation will terminate any Program or Erase operation in progress. Since the program or erase operation may not complete before the device is reset,
the contents of the page being programmed or erased cannot be guaranteed to be valid.
Table 9-1.
Commands Allowed/Not Allowed During a Program/Erase Operation or During a Program/Erase Suspend
Operation (Continued)
Command
During Program or Erase
During Program
Suspend
During Erase
Suspend
MSB
1
0
1
1
0
0
0
0
Opcode
High Impedance
DS
2
3
1
0
6
7
5
4
SI
SCK
CS
SO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com