Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATXP032 Datasheet(PDF) 36 Page - Dialog Semiconductor

Part # ATXP032
Description  EcoXiP??High Performance Low-Power Octal Flash
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

ATXP032 Datasheet(HTML) 36 Page - Dialog Semiconductor

Back Button ATXP032 Datasheet HTML 32Page - Dialog Semiconductor ATXP032 Datasheet HTML 33Page - Dialog Semiconductor ATXP032 Datasheet HTML 34Page - Dialog Semiconductor ATXP032 Datasheet HTML 35Page - Dialog Semiconductor ATXP032 Datasheet HTML 36Page - Dialog Semiconductor ATXP032 Datasheet HTML 37Page - Dialog Semiconductor ATXP032 Datasheet HTML 38Page - Dialog Semiconductor ATXP032 Datasheet HTML 39Page - Dialog Semiconductor ATXP032 Datasheet HTML 40Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 113 page
background image
34
ATXP032
DS-ATXP032–114I–4-2020
The WEL bit in the Status/Control Register is reset back to the logic “0” state if the erase cycle aborts due to an
incomplete address being sent, the CS pin being deasserted before a whole byte is finished, or because a memory
location within the region to be erased is protected.
While the device is executing a successful erase cycle, the Status/Control register can be read and indicates that
the device is busy. For faster throughput, it is recommended that the Status/Control register be polled rather than
waiting for the t
BLKE time to determine if the device has finished erasing. At some point before the erase cycle
completes, the WEL bit in the Status/Control register is reset back to the logic “0” state.
For fastest throughput and least power consumption, it is recommended that the Active Status Interrupt command
25h be used. After the initial 16 clocks, no more clocks are required. Once the BUSY cycle is done, SO is driven
low immediately to signal the device has finished erasing.
The device also incorporates an intelligent erase algorithm that can detect when a byte location fails to erase
properly. If an erase error occurs, it is indicated by the EPE bit in the Status/Control Register.
Figure 9-13. Block Erase
Figure 9-14. Block Erase in Octal Mode —SDR
SCK
CS
SO
2
3
1
0
6
7
5
4
10 11
9
8
12
39
37 38
35 36
34
Opcode (20h, 52h or D8h)
A
A
A
A
A
A
A
A
A
A
A
A
Address Bits A31-A0
High-Impedance
DS
C
C
C
C
C
C
C
C
SI
MSB
MSB
A23-16
A15-8
A7-0
A31-24
Address
O
Opcode
(20h, 52h
or D8h)
1
0
3
4
2
I/O7-0
SCK
CS
DS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com