Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATXP032 Datasheet(PDF) 59 Page - Dialog Semiconductor

Part # ATXP032
Description  EcoXiP??High Performance Low-Power Octal Flash
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

ATXP032 Datasheet(HTML) 59 Page - Dialog Semiconductor

Back Button ATXP032 Datasheet HTML 55Page - Dialog Semiconductor ATXP032 Datasheet HTML 56Page - Dialog Semiconductor ATXP032 Datasheet HTML 57Page - Dialog Semiconductor ATXP032 Datasheet HTML 58Page - Dialog Semiconductor ATXP032 Datasheet HTML 59Page - Dialog Semiconductor ATXP032 Datasheet HTML 60Page - Dialog Semiconductor ATXP032 Datasheet HTML 61Page - Dialog Semiconductor ATXP032 Datasheet HTML 62Page - Dialog Semiconductor ATXP032 Datasheet HTML 63Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 113 page
background image
57
ATXP032
DS-ATXP032–114I–4-2020
12.1.1 SPRL Bit
The SPRL bit is used to control whether the Sector Protection registers can be modified or not. When the SPRL bit
is in the logic “1” state, all Sector Protection registers are locked and cannot be modified with the Protect Sector
and Unprotect Sector commands (the device ignores these commands). In addition, the global protect and global
unprotect features cannot be performed. Any sectors that are presently protected remain protected, and any
sectors that are presently unprotected remain unprotected.
When the SPRL bit is in the logic “0” state, all Sector Protection registers are unlocked and can be modified (the
Protect Sector and Unprotect Sector commands, as well as the global protect and global unprotect features, are
processed as normal). The SPRL bit defaults to the logic “0” state after a power-up or a device reset.
The SPRL bit can be modified freely whenever the WP pin is deasserted. However, if the WP pin is asserted, then
the SPRL bit may only be changed from a logic “0” (Sector Protection registers are unlocked) to a logic “1” (Sector
Protection registers are locked). In order to reset the SPRL bit back to a logic “0” using the Write Status Register
command, the WP pin will have to first be deasserted. The SPRL bit is the only bit of the Status/Control register
that can be user modified via the Write Status Register command.
12.1.2 DPDS Bit
The DPDS bit is used to detect if the device is in deep power-down mode or not. This bit reads 1 if in DPD or
UDPD, 0 in any other mode. To differentiate between DPD and UDPD, check the value of the UDPDS Bit.
12.1.3 EPE Bit
The EPE bit indicates whether the last erase or program operation completed successfully or not. If at least one
byte during the erase or program operation did not erase or program properly, then the EPE bit is set to the logic
“1” state. The EPE bit is not set if an erase or program operation aborts for any reason such as an attempt to erase
or program a protected region or if the WEL bit is not set prior to an erase or program operation. The EPE bit is
updated after every erase and program operation.
The EPE bit reflects the correct state after an erase or program operation if read upon P/E completion, before
executing another erase or program command or an Ultra-Deep Power-Down (79h) command.
The EPE bit reflects the correct state after erase or program with Auto Deep Power-Down Mode after a Program or
Erase Operation, if exit from UDPD is done with JEDEC Standard Hardware Reset (In-Band Reset) or Hardware
Reset and the EPE bit is read before executing another erase or program command or an Ultra-Deep Power-Down
(79h) command.
1
WEL
Write Enable Latch Status
R
0
Device is not write enabled (default).
1
Device is write enabled.
0
RDY/BSY
Ready/Busy Status
R
0
Device is ready.
1
Device is busy with an internal operation.
1.
Only bit 7 of the Status/Control register will be modified when using the Write Status Register command.
2.
R/W = Readable and writable
R = Readable only
3.
In Ultra-Deep Power-Down Mode, all bits, including the DPDS bit, reads as 1
4.
Even though EPE is a volatile bit, it will not be cleared when the device enters Auto Ultra-Deep Power-Down. In this case, it is not erased by a JEDEC Hardware Reset
or by exercising the RESET pin. However, it is erased on a full power cycle.
Table 12-3. Status/Control Register Format - Byte 1
Bit (1)
Name
Type (2)
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com