Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATXP032 Datasheet(PDF) 98 Page - Dialog Semiconductor

Part # ATXP032
Description  EcoXiP??High Performance Low-Power Octal Flash
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

ATXP032 Datasheet(HTML) 98 Page - Dialog Semiconductor

Back Button ATXP032 Datasheet HTML 94Page - Dialog Semiconductor ATXP032 Datasheet HTML 95Page - Dialog Semiconductor ATXP032 Datasheet HTML 96Page - Dialog Semiconductor ATXP032 Datasheet HTML 97Page - Dialog Semiconductor ATXP032 Datasheet HTML 98Page - Dialog Semiconductor ATXP032 Datasheet HTML 99Page - Dialog Semiconductor ATXP032 Datasheet HTML 100Page - Dialog Semiconductor ATXP032 Datasheet HTML 101Page - Dialog Semiconductor ATXP032 Datasheet HTML 102Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 113 page
background image
96
ATXP032
DS-ATXP032–114I–4-2020
Figure 14-1. Input Levels and AC Timing Definition
C
Load
Capacitive load
DDR, f = 133 MHz, driver type 0x00
6
pF
DDR, f = 133 MHz, driver type 0x02
4.5
DDR, f = 133 MHz, driver type 0x03
3
C
in
Input capacitance
Packaged parts, WLCSP
4
pF
KGD
3
1.
I
UDPD value is estimated. Not 100% tested.
2.
The RESET pin has an internal pull-up resistor. Its input load current is +2 / -17 µA maximum.
14.4
DC Characteristics — 105 oC (Continued)
Note: All parameters are specified for industrial temperature range (-40°C to 105°C).
Symbol
Parameter
Condition
Min
Typ
Max
Units
= Don’t Care
Note:
AC Level is guaranteed transition point.
DC Level is hysteresis.
V
IH(AC)
V
IL(AC)
V
IL(DC)
V
IH(DC)
14.5
AC Characteristics, Maximum Clock Frequencies — 85 oC
Note: All all parameters are specified for industrial temperature range (-40°C to 85°C). For extended range (KGD)
parameters, contact Adesto.
Symbol
Parameter
Mode
Min
Typ
Max
Units
f
CLK
Maximum clock frequency for all operations
(excluding 03h, 0Bh, 0Ch, 5Ah and D4h opcodes)
SPI mode
66
MHz
Octal mode
150
Maximum clock frequency for 0Bh opcode
(See
Table 12-8 for the maximum frequency in
different modes)
SPI mode
66
Octal mode - SDR
95
Octal mode - DDR
150(1)
Maximum clock frequency for 0Ch opcode
(See
Table 12-8 for the maximum frequency in
different modes)
Octal mode - SDR
80
Octal mode - DDR
133
f
RDLF
Maximum clock frequency for Read Array (03h), Read
SFDP (5Ah), and Buffer Read (D4h) commands
50
MHz
1.
The maximum operating frequency in this mode is 150 MHz. However, as this is not a standard frequency in JESD251, characterization data are provided for the next
lower standard frequency, which is 133 MHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com