Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATXP032 Datasheet(PDF) 80 Page - Dialog Semiconductor

Part # ATXP032
Description  EcoXiP??High Performance Low-Power Octal Flash
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

ATXP032 Datasheet(HTML) 80 Page - Dialog Semiconductor

Back Button ATXP032 Datasheet HTML 76Page - Dialog Semiconductor ATXP032 Datasheet HTML 77Page - Dialog Semiconductor ATXP032 Datasheet HTML 78Page - Dialog Semiconductor ATXP032 Datasheet HTML 79Page - Dialog Semiconductor ATXP032 Datasheet HTML 80Page - Dialog Semiconductor ATXP032 Datasheet HTML 81Page - Dialog Semiconductor ATXP032 Datasheet HTML 82Page - Dialog Semiconductor ATXP032 Datasheet HTML 83Page - Dialog Semiconductor ATXP032 Datasheet HTML 84Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 113 page
background image
78
ATXP032
DS-ATXP032–114I–4-2020
Figure 13-4. Deep Power-Down in Octal Mode — DDR
13.3
Auto Deep Power-Down Mode after a Program or Erase Operation
The auto deep power-down mode after a program or erase operation allows the device to further reduce its energy
consumption by automatically entering the deep power-down mode after completing an internally timed program or
erase operation. The program or erase operation can be any one of the Block Erase or Chip Erase commands,
Byte/Page Program command or Buffer to Main Memory Page Program without Built-In Erase commands. Note
that the Buffer Write command or any of the Register Write commands do not cause the device to go into deep
power-down mode.
The Auto Deep Power-Down Mode after Program/Erase Operation is enabled by setting the Auto Deep Power-
Down Enable bit in Status/Control Register Byte 2 . The device remains in the same communication mode when
entering and exiting from DPD.
The ADPD bit is cleared every time the device goes into DPD, so it has to be set again if another Program or Erase
operation followed by Auto Deep Power-Down is executed.
13.4
Resume from Deep Power-Down (ABh)
In order to exit the deep power-down mode and resume normal device operation, the Resume from Deep Power-
Down command must be issued. The Resume from Deep Power Down (ABh) command and the Read Status
Register Byte 1 (05h) command are the only commands that the device is recognized while in the deep power-
down mode.
To resume from the deep power-down mode, the CS pin must first be asserted and command of ABh must be
clocked into the device. Any additional data clocked into the device after the command is ignored. When the CS pin
is deasserted, the device exits deep power-down mode within the maximum time of t
RDPD and return to the standby
mode. After issuing the ABh command, the user can check if the device is already out of DPD by checking the
value of DPDS bit in Status/Control register 1.
After the device has returned to the standby mode, normal command operations such as read array can be
resumed.
If the complete command is not clocked in before the CS pin is deasserted, or if the CS pin is not deasserted on a
whole byte boundary (multiples of eight bits), then the device aborts the operation and return to the deep power-
down mode. The device remains in the same mode (SPI or octal mode) while in deep power-down and wakes up in
the same mode it had before entering deep power-down.
t
EDPD
ICC
Deep Power Mode Current
Standby Mode Current
Active Current
B9h
Opcode
0
I/O7-0
SCK
CS
DS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com