Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATXP032 Datasheet(PDF) 23 Page - Dialog Semiconductor

Part # ATXP032
Description  EcoXiP??High Performance Low-Power Octal Flash
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

ATXP032 Datasheet(HTML) 23 Page - Dialog Semiconductor

Back Button ATXP032 Datasheet HTML 19Page - Dialog Semiconductor ATXP032 Datasheet HTML 20Page - Dialog Semiconductor ATXP032 Datasheet HTML 21Page - Dialog Semiconductor ATXP032 Datasheet HTML 22Page - Dialog Semiconductor ATXP032 Datasheet HTML 23Page - Dialog Semiconductor ATXP032 Datasheet HTML 24Page - Dialog Semiconductor ATXP032 Datasheet HTML 25Page - Dialog Semiconductor ATXP032 Datasheet HTML 26Page - Dialog Semiconductor ATXP032 Datasheet HTML 27Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 113 page
background image
21
ATXP032
DS-ATXP032–114I–4-2020
Figure 8-3.
Read Array — 0Bh Command in Octal Mode SDR
Figure 8-4.
Read Array — 0Bh Command in Octal Mode DDR
8.2
Burst Read with Wrap (0Ch)
In Octal Mode, the “Burst Read with Wrap (0Ch)” instruction is used to perform the read operation with “Wrap
Around” feature.
Microcontroller units (MCU’s) with cache benefit from this feature for eXecute-in-Place (XiP) operations, as it
guarantees an efficient way of reading a whole cache line in one burst regardless of which byte in the cache line
the read starts from. This improves code execution performance in the MCU system, as the MCU first receives the
command or data it requires at that instant, and then the remainder of the cache line, without requiring additional
commands or addresses to be sent.
The continuous mode operation further improves the MCU performance. This mode allows the MCU to directly
load the following cache line if this is required, again without requiring additional commands or addresses to be
sent. This improves the performance of a typical MCU system by 40% or more without increasing system clock
speed.
As an example; The timing for fetching the next consecutive 16-byte cache line on a Flash device with 14 dummy
SPI cycles for eXecute-in-Place (XiP) operations.
In octal SDR mode, the number of cycles will be reduced from 35 to 16:
Command (byte):
1 clock cycle (eliminated for the next consecutive line)
Address (4 bytes):
4 clock cycles (eliminated for the next consecutive line)
Dummy cycles:
14 clock cycles (eliminated for the next consecutive line)
Data (16 Bytes):
16 clock cycles
In octal DDR mode, the number of cycles will be reduced from 25 to 8:
Command (byte):
0.5 clock cycles (eliminated for the next consecutive line)
Byte1
Byte2
Output Data
Dummy Cycles
A23-16
A15-8
A7-0
A31-24
Address
0Bh
Opcode
2
3
1
0
4
n
n+1
I/O7-0
SCK
CS
DS
D
D
Output
Data
Byte1 Byte2
Dummy Cycles
A
A
A
A
Address
Bits A
31
-A
0
0Bh
Opcode
2
1
0
n
3
I/O7-0
SCK
CS
DS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com