Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATXP032 Datasheet(PDF) 31 Page - Dialog Semiconductor

Part # ATXP032
Description  EcoXiP??High Performance Low-Power Octal Flash
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

ATXP032 Datasheet(HTML) 31 Page - Dialog Semiconductor

Back Button ATXP032 Datasheet HTML 27Page - Dialog Semiconductor ATXP032 Datasheet HTML 28Page - Dialog Semiconductor ATXP032 Datasheet HTML 29Page - Dialog Semiconductor ATXP032 Datasheet HTML 30Page - Dialog Semiconductor ATXP032 Datasheet HTML 31Page - Dialog Semiconductor ATXP032 Datasheet HTML 32Page - Dialog Semiconductor ATXP032 Datasheet HTML 33Page - Dialog Semiconductor ATXP032 Datasheet HTML 34Page - Dialog Semiconductor ATXP032 Datasheet HTML 35Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 113 page
background image
29
ATXP032
DS-ATXP032–114I–4-2020
Figure 9-3.
Byte Program in Octal Mode — DDR
Note that 2 bytes are programmed when using the Byte Program command in octal mode - DDR.
Figure 9-4.
Page Program
Figure 9-5.
Page Program in Octal Mode — SDR
D
D
Data In
Byte1 Byte2
A
A
A
A
Address
Bits A
31
-A
0
02h
Opcode
2
1
0
3
I/O7-0
SCK
CS
DS
SCK
CS
SI
SO
MSB
MSB
2
3
1
0
0
0
0
0
0
0
1
0
6
7
5
4
10 11
9
8
12
39
37 38
44
47
46
45
42 43
40 41
Opcode
High-Impedance
A A A A
A A A
A A
MSB
D D D D D D D D
Address Bits A31-A0
Data In Byte 1
DS
MSB
D
D
D
D
D
D
D
D
Data In Byte n
Byte 0
Byte 1
Data In
A23-16
A15-8
A7-0
A31-24
Address
02h
Opcode
2
3
1
0
4
5
6
I/O7-0
SCK
CS
DS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com