Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATXP032 Datasheet(PDF) 48 Page - Dialog Semiconductor

Part # ATXP032
Description  EcoXiP??High Performance Low-Power Octal Flash
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

ATXP032 Datasheet(HTML) 48 Page - Dialog Semiconductor

Back Button ATXP032 Datasheet HTML 44Page - Dialog Semiconductor ATXP032 Datasheet HTML 45Page - Dialog Semiconductor ATXP032 Datasheet HTML 46Page - Dialog Semiconductor ATXP032 Datasheet HTML 47Page - Dialog Semiconductor ATXP032 Datasheet HTML 48Page - Dialog Semiconductor ATXP032 Datasheet HTML 49Page - Dialog Semiconductor ATXP032 Datasheet HTML 50Page - Dialog Semiconductor ATXP032 Datasheet HTML 51Page - Dialog Semiconductor ATXP032 Datasheet HTML 52Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 113 page
background image
46
ATXP032
DS-ATXP032–114I–4-2020
Figure 10-9. Protect Sector in Octal Mode — DDR
10.4
Unprotect Sector (39h)
Issuing the Unprotect Sector command to a particular sector address resets the corresponding Sector Protection
register to the logic “0” state (see Table 10-1 for Sector Protection register values). Every physical sector of the
device has a corresponding single-bit Sector Protection register that is used to control the software protection of a
sector.
Before the Unprotect Sector command can be issued, the Write Enable command must have been previously
issued to set the WEL bit in the Status/Control register to a logic “1”. To issue the Unprotect Sector command, the
CS pin must first be asserted and the 39h command must be clocked into the device. After the command has been
clocked in, the four address bytes designating any address within the sector to be unlocked must be clocked in.
Any additional data clocked into the device after the address bytes is ignored. When the CS pin is deasserted, the
Sector Protection register corresponding to the sector addressed by A
31 - A0 is reset to the logic “0” state, and the
sector itself is left unprotected. In addition, the WEL bit in the Status/Control register is reset back to the logic “0”
state.
The complete four address bytes must be clocked into the device before the CS pin is deasserted, and the CS pin
must be deasserted on a whole byte boundary (multiples of eight bits); otherwise, the device aborts the operation,
the state of the Sector Protection register is unchanged, and the WEL bit in the Status/Control register is reset to a
logic “0”.
As a safeguard against accidental or erroneous locking or unlocking of sectors, the Sector Protection Registers
can themselves be locked from updates by using the SPRL bit of the Status/Control register. For more information,
refer to Section 12.1, Status/Control Register Byte 1. If the Sector Protection registers are locked, then any
attempts to issue the Unprotect Sector command is ignored, and the device resets the WEL bit in the
Status/Control register back to a logic “0” and returns to the idle state once the CS pin has been deasserted.
A
A
A
A
Address
Bits A
31
-A
0
36h
Opcode
2
1
0
I/O7-0
SCK
CS
DS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com