Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATXP032 Datasheet(PDF) 11 Page - Dialog Semiconductor

Part # ATXP032
Description  EcoXiP??High Performance Low-Power Octal Flash
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

ATXP032 Datasheet(HTML) 11 Page - Dialog Semiconductor

Back Button ATXP032 Datasheet HTML 7Page - Dialog Semiconductor ATXP032 Datasheet HTML 8Page - Dialog Semiconductor ATXP032 Datasheet HTML 9Page - Dialog Semiconductor ATXP032 Datasheet HTML 10Page - Dialog Semiconductor ATXP032 Datasheet HTML 11Page - Dialog Semiconductor ATXP032 Datasheet HTML 12Page - Dialog Semiconductor ATXP032 Datasheet HTML 13Page - Dialog Semiconductor ATXP032 Datasheet HTML 14Page - Dialog Semiconductor ATXP032 Datasheet HTML 15Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 113 page
background image
9
ATXP032
DS-ATXP032–114I–4-2020
5.
Memory Architecture
To provide the greatest flexibility, the memory array of the ATXP032 is divided into three levels of granularity
comprised of sectors, blocks, and pages. The size of the erase blocks is optimized for both code and data storage
applications, allowing both code and data segments to reside in their own erase regions. Figure 5-1, Memory
Architecture Diagram, illustrates the breakdown of each level and details the number of pages per sector and
block. Program operations to the memory array can be done at the full page level or at the byte level (a variable
number of bytes). The erase operations can be performed at the chip level or at 3 different block size levels.
V
CC,VCC I/O
DEVICE POWER SUPPLY: The VCC and VCC I/O pins are used to supply the source voltage to
the device. The V
CC and VCC I/O pins have to be connected to the same supply voltage.
Each V
CC and VCC I/O pin requires a separate decoupling capacitor to GND. 1 µF ceramic
capacitors are recommended.
Operations at invalid V
CC voltages may produce spurious results and should not be attempted.
-
Power
GND,
GND I/O
GROUND: The ground reference for the power supply. GND and GND I/O should be
connected to the system ground.
-
Power
RESET
RESET: A low state on the reset pin (RESET) terminates the operation in progress and resets
the internal state machine to an idle state. The device remains in the reset condition as long as
a low level is present on the RESET pin. Normal operation can resume once the RESET pin is
brought back to a high level. See
Section 13.10 for details about the device operation when
RESET pin is engaged. The device incorporates an internal power-on reset circuit, so there
are no restrictions on the RESET pin during power-on sequences.
If this pin and feature is not utilized, then it is recommended that the RESET pin is driven high
externally. It has an internal pull-up, and may alternatively be left open.
The RESET pin is not required for operation of the device. The
JEDEC Standard Hardware
Reset (In-Band Reset) function described in Section 13.9 provides the same functions
without requiring a dedicated pin. The RESET pin is included for compatibility with older
systems. For new designs, the
JEDEC Standard Hardware Reset (In-Band Reset) is
recommended.
The RESET pin may not be included in all package options.
Low
Input
Table 4-1.
Pin Descriptions (Continued)
Symbol
Description
Asserted
State
Type



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com