Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATXP032 Datasheet(PDF) 99 Page - Dialog Semiconductor

Part # ATXP032
Description  EcoXiP??High Performance Low-Power Octal Flash
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

ATXP032 Datasheet(HTML) 99 Page - Dialog Semiconductor

Back Button ATXP032 Datasheet HTML 95Page - Dialog Semiconductor ATXP032 Datasheet HTML 96Page - Dialog Semiconductor ATXP032 Datasheet HTML 97Page - Dialog Semiconductor ATXP032 Datasheet HTML 98Page - Dialog Semiconductor ATXP032 Datasheet HTML 99Page - Dialog Semiconductor ATXP032 Datasheet HTML 100Page - Dialog Semiconductor ATXP032 Datasheet HTML 101Page - Dialog Semiconductor ATXP032 Datasheet HTML 102Page - Dialog Semiconductor ATXP032 Datasheet HTML 103Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 113 page
background image
97
ATXP032
DS-ATXP032–114I–4-2020
14.6
AC Characteristics, All Other Parameters
Note: All all parameters are specified for industrial temperature range (-40°C to 85°C). For extended range (KGD)
parameters, contact Adesto.
All parameters are specified for max frequency of 133 MHz.
Symbol
Parameter
Condition
Min
Typ
Max
Units
t
CLKH
Input SCK high time
SPI mode (excluding 03h opcode)
6.75
ns
SPI mode (03h opcode)
9
Octal mode, SDR mode
3
t
CLKL
Input SCK low time
SPI mode (excluding 03h opcode)
6.75
ns
SPI mode (03h opcode)
9
Octal mode, SDR mode
3
t
CKMPW
Input SCK: Minimum pulse
width
Octal modes, DDR mode
3.375
ns
t
PERIOD
Input SCK, data strobe: cycle time data transfer mode
7.5
ns
SR
CLK
Input SCK: slew rate
0.75
V/ns
tCKDCD
Input SCK: duty cycle distortion
0
0.375
ns
SR
DS
Data strobe: slew rate
0.75
V/ns
t
DSDCD
Data strobe: duty cycle distortion(4)
0
0.25
ns
tDSMPW
Data strobe: minimum pulse width
3.075
ns
t
RPRE
Output data: read preamble
0.4
t
PERIOD
t
ISU
Input set-up time (referenced to SCK)
0.8
ns
tIH
Input hold time (referenced to SCK)
0.8
ns
SR
IN
Input slew rate
0.75
V/ns
tR0,tF0
Rise/fall time, driver type 0x00, x1; C
L = 15pF
1.3
2.0
ns
Rise/fall time, driver type 0x02, x0.75; CL = 10pF
ns
Rise/fall time, driver type 0x03, x0.5; C
L = 7.5pF
ns
R
FR
Ratio of fall time to rise time
1
1.4
tCSH
Chip select high time
After a Read command reading 16
bytes or more
15
ns
t
CSLCKH (tCSLS)
(1)
Chip select low setup time
(relative to SCK)
Up to 100 MHz
5
ns
100 - 133 MHz
6
tCKLCSH (tCSLH)
(1)
Chip select low hold time
(relative to SCK)
Up to 100 MHz
5
ns
100 - 133 MHz
6
t
CSHCKH (tCSHS)
(1)
Chip select high setup time
(relative to SCK)
Up to 100 MHz
5
ns
100 - 133 MHz
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com