Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATXP032 Datasheet(PDF) 85 Page - Dialog Semiconductor

Part # ATXP032
Description  EcoXiP??High Performance Low-Power Octal Flash
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

ATXP032 Datasheet(HTML) 85 Page - Dialog Semiconductor

Back Button ATXP032 Datasheet HTML 81Page - Dialog Semiconductor ATXP032 Datasheet HTML 82Page - Dialog Semiconductor ATXP032 Datasheet HTML 83Page - Dialog Semiconductor ATXP032 Datasheet HTML 84Page - Dialog Semiconductor ATXP032 Datasheet HTML 85Page - Dialog Semiconductor ATXP032 Datasheet HTML 86Page - Dialog Semiconductor ATXP032 Datasheet HTML 87Page - Dialog Semiconductor ATXP032 Datasheet HTML 88Page - Dialog Semiconductor ATXP032 Datasheet HTML 89Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 113 page
background image
83
ATXP032
DS-ATXP032–114I–4-2020
13.7.1 JEDEC Hardware Reset
The Exit Ultra-Deep Power-Down / JEDEC Hardware Reset command sequence can be used to wake-up the
device from ultra-deep power-down. This sequence can also be used to reset the device to its power on state
without cycling power. See Section 13.9 for details on JEDEC Standard Hardware Reset (In-Band Reset). See also
Section 14.6, AC Characteristics, All Other Parameters, for timing details.
13.7.2 Hardware Reset
The hardware RESET pin can be used to wake up the device from UDPD mode. This option can also be used to
reset the device to a state similar to the power-on state without cycling power. See Section 13.10 for details on
Hardware Reset. See also Section 14.6, AC Characteristics, All Other Parameters, for timing details.
13.7.3 Power Cycling
The device can also exit the UDPD mode by power cycling the device. Note that the time t
PUW power-up device
delay before program or erase allowed applies in this case. See Section 15.1, Power-Up/Power-Down Voltage and
Timing Requirements, for details.
13.8
Terminate (F0h)
In some applications, it may be necessary to prematurely terminate a program or erase operation rather than
waiting for the program or erase operation to complete normally. The Terminate command allows a program or
erase operation in progress to be ended abruptly and returns the device to an idle state. Since the need to reset
the device is immediate, the Write Enable command does not need to be issued prior to the Terminate command.
Therefore, the Terminate command operates independently of the state of the WEL bit in the Status/Control
register.
The Terminate command can be executed only if the command has been enabled by setting the Terminate
Enabled (TERE) bit in the Status/Control register to a logic 1 using the Write Status Register Byte 2 (31h)
command. This command should be entered before a program command is entered. If the terminate operation has
not been enabled (the TERE bit is in the logic 0 state), then any attempts at executing the Terminate command are
ignored.
To perform a terminate operation, the CS pin must first be asserted, and then the command F0h must be clocked
into the device. No address bytes need to be clocked in, but a confirmation byte of D0h must be clocked into the
device immediately after the command. Any additional data clocked into the device after the confirmation byte is
ignored. When the CS pin is deasserted, the program operation currently in progress is terminated within a time of
tSWRST. Since the program or erase operation may not complete before the device is reset, the contents of the page
being programmed or erased cannot be guaranteed to be valid.
The Terminate command has no effect on the states of the Configuration Register or TERE bit in the
Status/Control register. The WEL bit is reset back to its default state.
The complete command and confirmation byte must be clocked into the device before the CS pin is deasserted,
and the CS pin must be deasserted on a whole byte boundary (multiples of eight bits); otherwise, no reset
operation is performed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com