Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATXP032 Datasheet(PDF) 20 Page - Dialog Semiconductor

Part # ATXP032
Description  EcoXiP??High Performance Low-Power Octal Flash
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

ATXP032 Datasheet(HTML) 20 Page - Dialog Semiconductor

Back Button ATXP032 Datasheet HTML 16Page - Dialog Semiconductor ATXP032 Datasheet HTML 17Page - Dialog Semiconductor ATXP032 Datasheet HTML 18Page - Dialog Semiconductor ATXP032 Datasheet HTML 19Page - Dialog Semiconductor ATXP032 Datasheet HTML 20Page - Dialog Semiconductor ATXP032 Datasheet HTML 21Page - Dialog Semiconductor ATXP032 Datasheet HTML 22Page - Dialog Semiconductor ATXP032 Datasheet HTML 23Page - Dialog Semiconductor ATXP032 Datasheet HTML 24Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 113 page
background image
18
ATXP032
DS-ATXP032–114I–4-2020
Write Status/Control
Registers
71h
0111 0001
66 MHz
150 MHz
1
0
0
0
1+
12.7
Write Status Register Byte 1 01h
0000 0001
66 MHz
150 MHz
0
0
0
0
1
12.8
Write Status Register Byte 2 31h
0011 0001
66 MHz
150 MHz
0
0
0
0
1
12.9
Miscellaneous Commands
Terminate Operation
F0h
1111 0000
66 MHz
150 MHz
0
0
0
0
1 (D0h)
13.8
Deep Power-Down
B9h
1011 1001
66 MHz
150 MHz
0
0
0
0
0
13.2
Resume from Deep Power-
Down or Ultra-Deep Power-
Down (ABh)
ABh
1010 1011
66 MHz
150 MHz
0
0
0
0
0
13.4
Ultra-Deep Power-Down
79h
0111 1001
66 MHz
150 MHz
0
0
0
0
0
13.5
Read SFDP
5Ah
0101 1010
50 MHz
50 MHz
3
1
8
8(2)
1+
13.16
1.
See
Table 12-8, Dummy Clock Cycles and Maximum Operating Frequency — -40
oC to +85 oC.
2.
Octal DDR mode adds an additional ½ dummy cycle to align the first byte of data to the rising edge of SCK/DS.
Table 7-1.
Command Listing 1 — Commands Used in All Modes (Continued)
Command
Command
Max Clock
Freq in
SPI Mode
Max Clock
Freq. in Octal
Modes
Address
Bytes
Dummy
Bytes in
SPI
Mode
Dummy Cycles
in Octal Mode
Data
Bytes
Section
Link
SDR
DDR
Table 7-2.
Command Listing 2 — Commands Only Used in Standard SPI Mode
Command
Command
Max Clock
Frequency
(MHz)
Address
Bytes
Dummy
Bytes in
SPI Mode
Data
Bytes
Section Link
Read Commands
Read Array (1-1-1)
03h
0000 0011
50
3
0
1+
8.1
Buffer Read
D4h
1101 0100
50
4
1
1+
8.3
Miscellaneous Commands
Read Manufacturer and Device ID
9Fh
1001 1111
66
0
0
12
13.1
Enter Octal Mode (1-1-1 to 8-8-8) (1)
E8h
1110 1000
66
0
0
0
13.14
1.
The command is entered in (1-1-1) mode, the device will change to (8-8-8) mode afterwards.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com