Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATXP032 Datasheet(PDF) 6 Page - Dialog Semiconductor

Part # ATXP032
Description  EcoXiP??High Performance Low-Power Octal Flash
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

ATXP032 Datasheet(HTML) 6 Page - Dialog Semiconductor

Back Button ATXP032 Datasheet HTML 2Page - Dialog Semiconductor ATXP032 Datasheet HTML 3Page - Dialog Semiconductor ATXP032 Datasheet HTML 4Page - Dialog Semiconductor ATXP032 Datasheet HTML 5Page - Dialog Semiconductor ATXP032 Datasheet HTML 6Page - Dialog Semiconductor ATXP032 Datasheet HTML 7Page - Dialog Semiconductor ATXP032 Datasheet HTML 8Page - Dialog Semiconductor ATXP032 Datasheet HTML 9Page - Dialog Semiconductor ATXP032 Datasheet HTML 10Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 113 page
background image
4
ATXP032
DS-ATXP032–114I–4-2020
1.
Product Overview
The Adesto® EcoXiP™ ATXP032 is a high-performance, low-power octal Flash memory device designed for use in
IoT, smart devices, and embedded processors that demand high performance and instant-on capabilities while
keeping power consumption down. eXecute in Place (XiP) technology is well suited to meet these needs.
Specifically designed to work with cache controllers, EcoXiP dramatically reduces latency for cache misses. Unlike
other octal Flash solutions that sacrifice power consumption for high performance, EcoXiP maintains low power
operation by utilizing Adesto’s proprietary technology.
The ATXP032 has high data throughput supporting octal xSPI with dual data rate up to 300 Mbytes per second and
is fully JESD251 and JESD216D compliant. For faster transfer of data from the device, the ATXP032 provides a
Data Strobe (DS) output signal. DS serves as a source-synchronous clock to the output data. This enables much
faster clock rates for both DDR and SDR modes than can be achieved by using SCK as the clock signal for
incoming data.
The ATXP032 is optimized for low power system operation and support programmable strength I/O drivers that can
be matched to the required operating capacitive load. The ATXP032 supports 3 low-power operation modes and
an option to automatically switch to low power mode upon completion of a program or erase operation
The erase block sizes of the ATXP032 have been optimized to meet the needs of today's code and data storage
applications. By optimizing the size of the erase blocks, the memory space can be used much more efficiently.
Because certain code modules and data storage segments must reside by themselves in their own erase regions,
the wasted and unused memory space that occurs with large sectored and large block erase Flash memory
devices can be greatly reduced. This increased memory space efficiency allows additional code routines and data
storage segments to be added while still maintaining the same overall device density.
The device also contains a specialized OTP (One-Time Programmable) security register that can be used for
purposes such as unique device serialization, system-level Electronic Serial Number (ESN) storage and locked
key storage.
2.
Package Pinouts
The following figures show the package pinouts for the ATXP032 packages.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com