Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATXP032 Datasheet(PDF) 84 Page - Dialog Semiconductor

Part # ATXP032
Description  EcoXiP??High Performance Low-Power Octal Flash
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

ATXP032 Datasheet(HTML) 84 Page - Dialog Semiconductor

Back Button ATXP032 Datasheet HTML 80Page - Dialog Semiconductor ATXP032 Datasheet HTML 81Page - Dialog Semiconductor ATXP032 Datasheet HTML 82Page - Dialog Semiconductor ATXP032 Datasheet HTML 83Page - Dialog Semiconductor ATXP032 Datasheet HTML 84Page - Dialog Semiconductor ATXP032 Datasheet HTML 85Page - Dialog Semiconductor ATXP032 Datasheet HTML 86Page - Dialog Semiconductor ATXP032 Datasheet HTML 87Page - Dialog Semiconductor ATXP032 Datasheet HTML 88Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 113 page
background image
82
ATXP032
DS-ATXP032–114I–4-2020
Figure 13-10. Ultra-Deep Power-Down in Octal Mode — DDR
13.6
Auto Ultra-Deep Power-Down Mode after a Program or Erase Operation
The auto Ultra-deep Power-down (UDPD) mode after a program or erase operation allows the device to further
reduce its energy consumption by automatically entering the ultra-deep power-down mode after completing an
internally timed program or erase operation. The program or erase operation can be any one of the Block Erase or
Chip Erase commands, Byte/Page Program command or Buffer to Main Memory Page Program without Built-In
Erase commands. Note that the Buffer Write command or any of the Register Write commands do not cause the
device to go into ultra-deep power-down mode.
The auto UDPD mode after a program/erase operation is enabled by setting the Auto Ultra-Deep Power-Down
Enable (AUDPD) bit in Status/Control Register Byte 2 . The AUDPD bit is cleared every time the device goes into
UDPD mode, so it has to be set again if another program or erase operation followed by auto ultra-deep power-
down is wanted.
When using auto ultra-deep power-down mode after a program/erase operation, the device switches to standard
SPI mode within tAUDPD after the program or erase command is initiated. All Status read operations, both while the
program or erase operation is still in progress and after the device has entered UDPD, can therefore be done using
standard SPI mode.
13.7
Exit Ultra-Deep Power-Down
An exit from the UDPD mode can be performed in one of the following ways:
JEDEC hardware reset
Asserting the hardware RESET pin
Power cycling the device
Upon recovery from ultra-deep power-down, all internal registers except the EPE bit in Status/Control Register
Byte 1 are at the power-on default state. See the description in Section 12.1.3, EPE Bit for details of what values
EPE may have upon recovery from UDPD.
The device wakes up in SPI mode even if it was in octal mode when it entered the UDPD state. The system must
wait for the device to return to the standby mode before normal command operations can be resumed.
[Note: “Chip Select Toggle” and “Chip Select Low”, which are the methods used on many other Adesto devices
to exit UDPD mode, are not implemented on the ATXP032, as this would make status read while in UDPD mode
impossible without waking up the device.
t
EUDPD
ICC
Ultra-Deep Power-Mode Current
Standby Mode Current
Active Current
79h
Opcode
0
I/O7-0
SCK
CS
DS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com