Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATXP032 Datasheet(PDF) 25 Page - Dialog Semiconductor

Part # ATXP032
Description  EcoXiP??High Performance Low-Power Octal Flash
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

ATXP032 Datasheet(HTML) 25 Page - Dialog Semiconductor

Back Button ATXP032 Datasheet HTML 21Page - Dialog Semiconductor ATXP032 Datasheet HTML 22Page - Dialog Semiconductor ATXP032 Datasheet HTML 23Page - Dialog Semiconductor ATXP032 Datasheet HTML 24Page - Dialog Semiconductor ATXP032 Datasheet HTML 25Page - Dialog Semiconductor ATXP032 Datasheet HTML 26Page - Dialog Semiconductor ATXP032 Datasheet HTML 27Page - Dialog Semiconductor ATXP032 Datasheet HTML 28Page - Dialog Semiconductor ATXP032 Datasheet HTML 29Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 113 page
background image
23
ATXP032
DS-ATXP032–114I–4-2020
continues reading the same line until all bytes of the first line have been read out once. In the next clock cycle, the
device starts reading at the beginning of the next line as shown in Section 8-7. The device reads continuously as
long as SCK is clocked. There is no delay caused by the wrap-around, the first byte of the cache line follows
immediately after the last. There is also no additional delay caused by the jump to the next cache line, the first byte
of the following cache line follows immediately after the last byte read from the previous one, independent of where
in the cache line the jump is coming from.
Figure 8-7.
Burst Read with Wrap, Continuous Mode (W7 = 1)
An example of this operation in continuous mode is shown in Figure 8-8. As in the above example, the wrap length
is set to 8, and the requested address is 1E34h. The device reads 1E34h first, followed by 1E35h, 1E36h, and
1E37h. It then wraps around, and the next address to be read out is 1E30h, followed by 1E31h, 1E32h, and 1E33h.
If the read operation continues, the device will then output 1E38h, followed by 1E39h and so on. The device reads
continuously as long as the device is clocked.
Figure 8-8.
Burst Read with Wrap Example, Continuous Mode (W7 = 1), Wrap Length 8, Requested Address = 1E34h
If the MCU does not immediately need or cannot immediately handle the next cache line after the first one has
finished, it can stop the clock while keeping the CS line low. It can resume clocking once it is ready to receive the
next cache line. This of course assumes the MCU does not need to issue any other commands to the memory
device between receiving the two cache lines.
The value of the I/O lines while the clock is stopped depend on the value of the clock:
If the clock is stopped high in SDR mode, the I/O lines output the value of the last byte of the previous cache line.
The entire byte is output in octal mode.
If the clock is stopped low in SDR mode, the I/O lines output the value of the first byte of the next cache line. The
entire byte is output in octal mode.
If the clock is stopped high in DDR mode, the I/O lines output the value of the first byte of the next cache line. The
entire byte is output in octal mode.
If the clock is stopped low in DDR mode, the I/O lines output the value of the last byte of the previous cache line.
The entire byte is output in octal mode.
Byte 0
Note: Each transition
shown represents one byte (8 bits)
Byte N
First Byte
Read
Byte N +1
Address
Requested
Note: Each transition
shown represents one byte (8 bits)
1E30
1E31
1E32
1E33
1E34
1E35
1E36
1E37
1E38
1E39
1E40
1E41
1E42
1E43
1E44
1E45
First Byte
Read
Address
Requested



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com